Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331TS Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MC68331TS
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331TS Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MC68331TS Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 13Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 14Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 15Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 16Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 17Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
14
MC68331TS/D
3 System Integration Module
The system integration module (SIM) consists of five functional blocks that control system start-up, ini-
tialization, configuration, and external bus.
Figure 5 SIM Block Diagram
3.1 Overview
The system configuration and protection block controls MCU configuration and operating mode. The
block also provides bus and software watchdog monitors.
The system clock generates clock signals used by the SIM, other IMB modules, and external devices.
In addition, a periodic interrupt generator supports execution of time-critical control routines.
The external bus interface handles the transfer of information between IMB modules and external ad-
dress space.
The chip-select block provides eleven general-purpose chip-select signals and a boot ROM chip-select
signal. Both general-purpose and boot ROM chip-select signals have associated base address regis-
ters and option registers.
The system test block incorporates hardware necessary for testing the MCU. It is used to perform fac-
tory tests, and its use in normal applications is not supported.
The SIM control register address map occupies 128 bytes. Unused registers within the 128-byte ad-
dress space return zeros when read. The “Access” column in the SIM address map below indicates
which registers are accessible only at the supervisor privilege level and which can be assigned to either
the supervisor or user privilege level, according to the value of the SUPV bit in the SIMCR.
300 S(C)IM BLOCK
SYSTEM CONFIGURATION
CLOCK SYNTHESIZER
CHIP SELECTS
EXTERNAL BUS INTERFACE
FACTORY TEST
CLKOUT
EXTAL
MODCLK
CHIP SELECTS
EXTERNAL BUS
RESET
TSC
FREEZE/QUOT
XTAL
SYSTEM PROTECTION
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com