Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331MFC20 Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MC68331MFC20
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331MFC20 Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MC68331MFC20 Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 84 page
background image
MC68331TS/D
77
PAMOD — Pulse Accumulator Mode
0 = External event counting
1 = Gated time accumulation
PEDGE — Pulse Accumulator Edge Control
The effects of PEDGE and PAMOD are shown in the following table.
PCLKS — PCLK Pin State (Read Only)
I4/O5 — Input Capture 4/Output Compare 5
0 = Output compare 5 enabled
1 = Input capture 4 enabled
PACLK[1:0] — Pulse Accumulator Clock Select (Gated Mode)
PACNT — Pulse Accumulator Counter
8-bit read/write counter used for external event counting or gated time accumulation.
TIC[1:3] — Input Capture Registers 1–3
$YFF90E, $YFF910, $YFF912
The input capture registers are 16-bit read-only registers which are used to latch the value of TCNT
when a specified transition is detected on the corresponding input capture pin. They are reset to $FFFF.
TOC[1:4] — Output Compare Registers 1–4
$YFF914, $YFF916, $YFF918, $YFF91A
The output compare registers are 16-bit read/write registers which can be used as output waveform
controls or as elapsed time indicators. For output compare functions, they are written to a desired match
value and compared against TCNT to control specified pin actions. They are reset to $FFFF.
TI4/O5 — Input Capture 4/Output Compare 5 Register
$YFF91C
This register serves either as input capture register 4 or output compare register 5, depending on the
state of I4/O5 in PACTL.
TCTL1 determines output compare mode and output logic level. TCTL2 determines the type of input
capture to be performed.
PAMOD
PEDGE
Effect
0
0
PAI falling edge increments counter
0
1
PAI rising edge increments counter
1
0
Zero on PAI inhibits counting
1
1
One on PAI inhibits counting
PACLK[1:0]
Pulse Accumulator Clock Selected
00
System Clock Divided by 512
01
Same Clock Used to Increment TCNT
10
TOF Flag from TCNT
11
External Clock, PCLK
TCTL1/TCTL2 — Timer Control Registers 1–2
$YFF91E
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
OM5
OL5
OM4
OL4
OM3
OL3
OM2
OL2
EDGE4
EDGE3
EDGE2
EDGE1
RESET:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com