Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331MFC20 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MC68331MFC20
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331MFC20 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MC68331MFC20 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC68331MFC20 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
MC68331TS/D
17
Figure 6 System Configuration and Protection Block
3.2.1 System Configuration
The SIM controls MCU configuration during normal operation and during internal testing.
The SIM configuration register controls system configuration. It can be read or written at any time, ex-
cept for the module mapping (MM) bit, which can be written only once.
EXOFF —External Clock Off
0 = The CLKOUT pin is driven from an internal clock source.
1 = The CLKOUT pin is placed in a high-impedance state.
FRZSW —Freeze Software Enable
0 = When FREEZE is asserted, the software watchdog and periodic interrupt timer counters con-
tinue to run.
1 = When FREEZE is asserted, the software watchdog and periodic interrupt timer counters are dis-
abled, preventing interrupts during software debug.
FRZBM —Freeze Bus Monitor Enable
0 = When FREEZE is asserted, the bus monitor continues to operate.
1 = When FREEZE is asserted, the bus monitor is disabled.
SIMCR —SIM Configuration Register
$YFFA00
15
14
13
12
11
10
9
8
7
6
5
4
3
0
EXOFF
FRZSW FRZBM
0
SLVEN
0
SHEN
SUPV
MM
0
0
IARB
RESET:
0
0
0
0
DATA11
0
0
0
1
1
0
0
1
1
1
1
300 SYS PROTECT BLOCK
RESET STATUS
HALT MONITOR
BUS MONITOR
SPURIOUS INTERRUPT MONITOR
SOFTWARE WATCHDOG TIMER
PERIODIC INTERRUPT TIMER
2
9
PRESCALER
CLOCK
IRQ[7:1]
BERR
RESET REQUEST
RESET REQUEST
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com