Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331CFV16 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC68331CFV16
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331CFV16 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC68331CFV16 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
Order this document
by MC68331TS/D Rev. 2
MC68331
Technical Summary
32-Bit Modular Microcontroller
1 Introduction
The MC68331, a highly-integrated 32-bit microcontroller, combines high-performance data manipula-
tion capabilities with powerful peripheral subsystems. The MCU is built up from standard modules that
interface through a common intermodule bus (IMB). Standardization facilitates rapid development of
devices tailored for specific applications.
The MCU incorporates a 32-bit CPU (CPU32), a system integration module (SIM), a general-purpose
timer (GPT), and a queued serial module (QSM).
The MCU can either synthesize an internal clock signal from an external reference or use an external
clock input directly. Operation with a 32.768-kHz reference frequency is standard. The maximum sys-
tem clock speed is 20.97 MHz. Because MCU operation is fully static, register and memory contents
are not affected by a loss of clock.
High-density complementary metal-oxide semiconductor (HCMOS) architecture makes the basic power
consumption of the MCU low. Power consumption can be minimized by stopping the system clock. The
CPU32 instruction set includes a low-power stop (LPSTOP) command that efficiently implements this
capability.
For More Information On This Product,
Go to: www.freescale.com
Freescale Semiconductor


Similar Part No. - MC68331CFV16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68331CFV16 MOTOROLA-MC68331CFV16 Datasheet
2Mb / 84P
32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68331CFV16 FREESCALE-MC68331CFV16 Datasheet
598Kb / 84P
32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68331CFV16 NXP-MC68331CFV16 Datasheet
983Kb / 84P
Technical Summary 32-Bit Modular Microcontroller
Rev. 2
More results

Similar Description - MC68331CFV16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68332TS MOTOROLA-MC68332TS Datasheet
446Kb / 88P
32-Bit Modular Microcontroller
MC68331 MOTOROLA-MC68331 Datasheet
2Mb / 84P
32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
MC68CK331CAG16 FREESCALE-MC68CK331CAG16 Datasheet
598Kb / 84P
32-Bit Modular Microcontroller
MC68332ACEH16 FREESCALE-MC68332ACEH16 Datasheet
343Kb / 88P
32-Bit Modular Microcontroller
MC68332GCEH25 FREESCALE-MC68332GCEH25 Datasheet
343Kb / 88P
32-Bit Modular Microcontroller
MC68LK332ACEH16 FREESCALE-MC68LK332ACEH16 Datasheet
343Kb / 88P
32-Bit Modular Microcontroller
MC68332ACEH20 FREESCALE-MC68332ACEH20 Datasheet
343Kb / 88P
32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68CK338 NXP-MC68CK338 Datasheet
1Mb / 133P
32-Bit Modular Microcontroller
MC68F333 NXP-MC68F333 Datasheet
447Kb / 16P
32-Bit Modular Microcontroller
MC68332 NXP-MC68332 Datasheet
855Kb / 88P
32-Bit Modular Microcontroller
Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com