Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68331CFV16 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MC68331CFV16
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331CFV16 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MC68331CFV16 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC68331CFV16 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 84 page
background image
18
MC68331TS/D
SLVEN —Factory Test Mode Enabled
This bit is a read-only status bit that reflects the state of DATA11 during reset.
0 = IMB is not available to an external master.
1 = An external bus master has direct access to the IMB.
SHEN[1:0] —Show Cycle Enable
This field determines what the EBI does with the external bus during internal transfer operations. A
show cycle allows internal transfers to be externally monitored. The table below shows whether show
cycle data is driven externally, and whether external bus arbitration can occur. To prevent bus conflict,
external peripherals must not be enabled during show cycles.
SUPV —Supervisor/Unrestricted Data Space
The SUPV bit places the SIM global registers in either supervisor or user data space.
0 = Registers with access controlled by the SUPV bit are accessible from either the user or super-
visor privilege level.
1 = Registers with access controlled by the SUPV bit are restricted to supervisor access only.
MM —Module Mapping
0 = Internal modules are addressed from $7FF000 –$7FFFFF.
1 = Internal modules are addressed from $FFF000 –$FFFFFF.
IARB[3:0] —Interrupt Arbitration Field
Each module that can generate interrupt requests has an interrupt arbitration (IARB) field. Arbitration
between interrupt requests of the same priority is performed by serial contention between IARB field bit
values. Contention must take place whenever an interrupt request is acknowledged, even when there
is only a single pending request. An IARB field must have a non-zero value for contention to take place.
If an interrupt request from a module with an IARB field value of %0000 is recognized, the CPU pro-
cesses a spurious interrupt exception. Because the SIM routes external interrupt requests to the CPU,
the SIM IARB field value is used for arbitration between internal and external interrupts of the same pri-
ority. The reset value of IARB for the SIM is %1111, and the reset IARB value for all other modules is
%0000, which prevents SIM interrupts from being discarded during initialization.
3.2.2 System Protection Control Register
The system protection control register controls system monitor functions, software watchdog clock
prescaling, and bus monitor timing. This register can be written only once following power-on or reset,
but can be read at any time.
SWE —Software Watchdog Enable
0 = Software watchdog disabled
1 = Software watchdog enabled
SHEN
Action
00
Show cycles disabled, external arbitration enabled
01
Show cycles enabled, external arbitration disabled
10
Show cycles enabled, external arbitration enabled
11
Show cycles enabled, external arbitration enabled,
internal activity is halted by a bus grant
SYPCR —System Protection Control Register
$YFFA21
15
8
7
6
5
4
3
2
1
0
NOT USED
SWE
SWP
SWT
HME
BME
BMT
RESET:
1
MODCLK
0
0
0
0
0
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com