Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALPHA-RX Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ALPHA-RX
Description  ALPHA RF MODULES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ALPHA-RX Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ALPHA-RX Datasheet HTML 7Page - List of Unclassifed Manufacturers ALPHA-RX Datasheet HTML 8Page - List of Unclassifed Manufacturers ALPHA-RX Datasheet HTML 9Page - List of Unclassifed Manufacturers ALPHA-RX Datasheet HTML 10Page - List of Unclassifed Manufacturers ALPHA-RX Datasheet HTML 11Page - List of Unclassifed Manufacturers ALPHA-RX Datasheet HTML 12Page - List of Unclassifed Manufacturers ALPHA-RX Datasheet HTML 13Page - List of Unclassifed Manufacturers ALPHA-RX Datasheet HTML 14Page - List of Unclassifed Manufacturers ALPHA-RX Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DSALPHA-3
Jul 09
©
2009 RF Solutions Ltd.
Page 11
ALPHA RF MODULES
ALPHA-TX
ALPHA-RX
Receiver Programming Guide
4
.
.
.
.
Brief description
The ALPHA Receiver is a low cost FSK Receiver with all RF functions integrated. It needs only an MCU,
crystal, decoupling capacitor and antenna to build a high reliability FSK transmitter. The operation
frequency can cover 300 to 1000MHz. Although each module can cover all frequencies, better
performance is obtained by using the module at the preset frequency
The module supports a command interface to setup frequency, deviation, output power and also data rate.
5
.
.
.
.
Commands
1
.
.
.
. Timing diagram
2
.
.
.
. Configuration Setting Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
0
0
b1
b0
eb
et
ex
x3
x2
x1
x0
i2
i1
i0
dc
893Ah
b1..b0: select band
b1
b0
band[MHz]
0
0
315
0
1
433
1
0
868
1
1
915
eb:Enable low battery detection function
et:Enable wake-up timer
ex:Enable crystal oscillator
x3..x0: select crystal load capacitor
x3
x2
x1
x0
load capacitor [pF]
0
0
0
0
8.5
0
0
0
1
9.0
0
0
1
0
9.5
0
0
1
1
10.0
……
……
1
1
1
0
15.5
1
1
1
1
16.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com