Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALPHA-RX Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # ALPHA-RX
Description  ALPHA RF MODULES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ALPHA-RX Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button ALPHA-RX Datasheet HTML 8Page - List of Unclassifed Manufacturers ALPHA-RX Datasheet HTML 9Page - List of Unclassifed Manufacturers ALPHA-RX Datasheet HTML 10Page - List of Unclassifed Manufacturers ALPHA-RX Datasheet HTML 11Page - List of Unclassifed Manufacturers ALPHA-RX Datasheet HTML 12Page - List of Unclassifed Manufacturers ALPHA-RX Datasheet HTML 13Page - List of Unclassifed Manufacturers ALPHA-RX Datasheet HTML 14Page - List of Unclassifed Manufacturers ALPHA-RX Datasheet HTML 15Page - List of Unclassifed Manufacturers ALPHA-RX Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
DSALPHA-3
Jul 09
©
2009 RF Solutions Ltd.
Page 14
ALPHA RF MODULES
ALPHA-TX
ALPHA-RX
8
.
.
.
. AFC Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
0
0
0
1
1
0
a1
a0
rl1
rl0
st
fi
oe
en
C6F7h
a1..a0: select AFC auto-mode:
a1
a0
0
0
Controlled by MCU
0
1
Run once at power on
1
0
Keep offset when VDI hi
1
1
Keeps independently from VDI
rl1..rl0: select range limit
r1
r0
range:fres:
0
0
No restriction
0
1
+15/-16
1
0
+7/-8
1
1
+3-4
Freq
315:433band: 2.5kHz
868band: 5kHz
915band: 7.5kHz
st: st goes hi will store offset into output register
fi: Enable AFC hi accuracy mode
oe: Enable AFC output register
en: Enable AFC funcition
9
. Data Filter Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
1
1
0
0
0
1
0
0
al
ml
1
s1
s0
f2
f1
f0
C42Ch
al: Enable clock recovery auto-lock
ml: Enable clock recovery fast mode
s1..s0: select data filter type
s1
s0
Filter type
0
0
OOK
0
1
Digital filter
1
0
reserved
f1..f0: Set DQD threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com