Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APV1122AX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # APV1122AX
Description  Photovoltaic MOSFET drivers of wide variation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

APV1122AX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  APV1122AX Datasheet HTML 1Page - List of Unclassifed Manufacturers APV1122AX Datasheet HTML 2Page - List of Unclassifed Manufacturers APV1122AX Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photovoltaic MOSFET Driver
2. Electrical characteristics (Ambient temperature: 25
°C 77°F)
RECOMMENDED OPERATING CONDITIONS
Please obey the following conditions to ensure proper relay operation and resetting.
■ For Dimensions
■ For Schematic and Wiring Diagrams
■ For Cautions for Use
■ These products are not designed for automotive use.
If you are considering to use these products for automotive applications, please contact your local Panasonic Electric
Works technical representative.
For more information
Item
Symbol
APV1122(A)
APV1121S
APV2121S
APV2111V
Condition
Input
LED operate current
Typical
IFon
0.6mA
0.85mA
VOC = 5V
Maximum
3mA
LED turn off current
Minimum
IFoff
0.2mA
VOC = 1V
Typical
0.5mA
0.75mA
LED dropout voltage
Typical
VF
1.15V
IF = 10mA
Maximum
1.5V
Output
Drop-out voltage*
Minimum
VOC
6V
5V
IF = 10mA
Typical
8.7V
8.2V
Short circuit current**
Minimum
ISC
5
µA3µA
IF = 10mA
Typical
14
µA8µA
Transfer
characteristics
Turn on time***
Typical
Ton
0.4ms
0.8ms
IF = 10mA,
CL = 1,000pF
Turn off time***
Typical
Toff
0.1ms
IF = 10mA,
CL = 1,000pF
I/O capacitance
Typical
Ciso
0.8pF
VB = 0V,
f = 1MHz
Maximum
1.5pF
Initial I/O isolation resistance
Minimum
Riso
1,000M
Ω
500V DC
Item
Symbol
Recommended value
Unit
Input LED current
IF
10
mA
*Drop-out voltage measurement circuit
APV1122(A)
APV1121S, APV2121S, APV2111V
V
IF=10mA
RV=10M
Ω
1
2
3
4
6
V
IF=10mA
RV=10M
Ω
1
2
3
4
**Short circuit current measurement circuit
APV1122(A)
APV1121S, APV2121S, APV2111V
1
2
3
4
6
I
IF=10mA
RI=100
Ω
1
2
3
4
I
IF=10mA
RI=100
Ω
***Turn on/Turn off time measurement circuit
APV1122(A)
APV1121S, APV2121S, APV2111V
1
2
3
4
6
VOUT
CL=1000pF
CL
IF=10mA
1
2
3
4
VOUT
CL=1000pF
CL
IF=10mA
***Turn on time
Input
Output
5V
1V
Ton
Toff
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com