Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APV1122AX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # APV1122AX
Description  Photovoltaic MOSFET drivers of wide variation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

APV1122AX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  APV1122AX Datasheet HTML 1Page - List of Unclassifed Manufacturers APV1122AX Datasheet HTML 2Page - List of Unclassifed Manufacturers APV1122AX Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Photovoltaic MOSFET Driver
TYPES
Notes: *1 SOP type is picked from 1/2-pin side, SSOP type is picked from 1/4-pin side.
*2 SOP type is picked from 3/4-pin side, SSOP type is picked from 2/3-pin side.
*3 For space reasons, the two initial letters of the part number “AP”, package (SOP) indicator “S” and the packing style indicator “X” or “Z” are not marked on the
relay. (Ex. the label for product number APV1121SX is V1121).
*4 Tape and reel package is the standard packing style.
For space reasons, the two initial letters of the part number “AP”, package (SSOP) indicator “V” and the packing style are not marked on the relay. (Ex. the label
for product number APV2111VY is V2111).
RATING
1. Absolute maximum ratings (Ambient temperature: 25
°C 77°F)
Photovoltaic MOSFET
drivers of wide variation
Photovoltaic
MOSFET Driver
(APV1, 2)
Output rating
Package
Part No.
Packing quantity
Drop-out
voltage
(Typ.)
Short
circuit
current
(Typ.)
Through hole
terminal
Surface-mount terminal
Tube packing
style
Tube packing
style
Tape and reel packing style
Tube
Tape and
reel
Picked from
1/2/3-pin side*1
Picked from
4/5/6-pin side*2
8.7V
14
µA
DIP6-pin
APV1122
APV1122A
APV1122AX
APV1122AZ
1 tube contains 50 pcs.
1 batch contains 500 pcs.
1,000 pcs.
8.7V
14
µA
SOP4-pin*3
—
APV1121S
APV1121SX
APV1121SZ
1 tube contains 100 pcs.
1 batch contains 2,000 pcs.
8.2V
8
µA—
APV2121S
APV2121SX
APV2121SZ
8.2V
8
µA
SSOP*4
——
APV2111VY
APV2111VW
—
3,500 pcs.
Item
Symbol
APV1122(A)
APV1121S
APV2121S
APV2111V
Remarks
Input
LED forward current
IF
50mA
LED reverse voltage
VR
5V
Peak forward current
IFP
1A
f = 100 Hz,
Duty Ratio = 0.1%
Power dissipation
Pin
75mW
I/O isolation voltage
Viso
5,000V AC
2,500V AC
2,500V AC
1,500V AC
Temperature
limits
Operating
Topr
–40
°C to +85°C –40°F to +185°F
Non-condensing at low
temperatures
Storage
Tstg
–40
°C to +100°C –40°F to +212°F
1
2
3
6
4
1
2
4
3
Compliance with RoHS Directive
FEATURES
1. High-speed switching
Since release time is typ. 0.1 ms, the
MOSFET can be turned off quickly in a
urgent situation.
2. Space saving
With a built-in control circuit, an external
resistor is not needed. This contributes to
making substrates more compact.
3. High insulation
DIP type:
5,000 V
SOP type:
2,500 V
SSOP type: 1,500 V
4. Extensive product lineup
Products include SSOP, SOP4-pin and
DIP6-pin.
TYPICAL APPLICATIONS
• Power supply (Vcc) for electronic
circuits
• Driving MOSFET
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.


Similar Part No. - APV1122AX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
APV1122AX PANASONIC-APV1122AX Datasheet
74Kb / 3P
PHOTOVOLTAIC MOSFET DRIVER Extensive product lineup Space saving
APV1122AX PANASONIC-APV1122AX Datasheet
74Kb / 3P
PHOTOVOLTAIC MOSFET DRIVER
More results

Similar Description - APV1122AX

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT212 IRF-PVT212 Datasheet
94Kb / 5P
Power MOSFET Photovoltaic Relay
logo
List of Unclassifed Man...
CT222ADM ETC1-CT222ADM Datasheet
23Kb / 2P
Photovoltaic MOSFET Drivers Dual MOSFET Driver Active Discharge
logo
Samtec, Inc
ASP-103614-01 SAMTEC-ASP-103614-01 Datasheet
417Kb / 2P
CUSTOM FOR VARIATION OF VITA 42 XMC STANDARD
logo
Panasonic Semiconductor
APV1121SJ PANASONIC-APV1121SJ Datasheet
74Kb / 3P
PHOTOVOLTAIC MOSFET DRIVER
logo
International Rectifier
PVN013PBF IRF-PVN013PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay HEXFET짰 Power MOSFET Photovoltaic Relay
logo
Panasonic Battery Group
APV PANASONICBATTERY-APV Datasheet
75Kb / 3P
Photovoltaic MOSFET Driver
logo
Murata Manufacturing Co...
NXRT15WB473FA3A016 MURATA-NXRT15WB473FA3A016 Datasheet
194Kb / 3P
the variation per hour of this product is stable few
NXRT15XV502FA3A016 MURATA-NXRT15XV502FA3A016 Datasheet
197Kb / 3P
the variation per hour of this product is stable few
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K30T AVAGO-ACPL-K30T Datasheet
302Kb / 10P
Automotive Photovoltaic MOSFET Driver
logo
SHINMEI ELECTRIC CO., L...
A5X-3E SHINMEI-A5X-3E Datasheet
82Kb / 4P
Wide Variation (X-Y terminal Variation, Heavy Duty Type),Single Pole Relay A5 RELAYS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com