Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP724AHTG Datasheet(PDF) 3 Page - Littelfuse

Part # SP724AHTG
Description  TVS Diode Arrays (SPA짰 Diodes) General Purpose ESD Protection - SP724 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP724AHTG Datasheet(HTML) 3 Page - Littelfuse

  SP724AHTG Datasheet HTML 1Page - Littelfuse SP724AHTG Datasheet HTML 2Page - Littelfuse SP724AHTG Datasheet HTML 3Page - Littelfuse SP724AHTG Datasheet HTML 4Page - Littelfuse SP724AHTG Datasheet HTML 5Page - Littelfuse SP724AHTG Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/24/13
TVS Diode Arrays (SPA®Diodes)
General Purpose ESD Protection - SP724 Series
ESD Capability
ESD rating is dependent on the defined test standard. The
evaluation results for various test standards and methods
based on Figure 1 are shown in Table 1.3
The SP724 has a Level 4 rating when tested to the IEC
61000-4-2 Human Body Model (HBM) standard and
connected in a circuit in which the V+ and V- pins have
a return path to ground. Level 4 specifies a required
capability greater than 8kV for direct discharge and greater
than 15kV for air discharge.
The “Modified” MIL-STD-3015.7 condition is defined as an
“in-circuit” method of ESD testing, the V+ and V- pins have
a return path to ground.The SP724 ESD capability is greater
than 8kV with 100pF discharged through 1.5kΩ. By strict
definition of the standard MIL-STD-3015.7 method using
“pin-to-pin” device testing, the ESD voltage capability is
greater than 2kV.
For the SP724 EIAJ IC121 Machine Model (MM) standard,
the ESD capability is typically greater than 1.8kV with
200pF discharged through 0kΩ.
The Charged Device model is based upon the self-
capacitance of the SOT-23 package through 0kΩ.
Standard
Type/Mode
R
D
C
D
±V
D
IEC 61000-4-2
(Level 4)
HBM, Air Discharge
330 Ω 150pF
15kV
HBM, Direct Discharge 330 Ω 150pF
8kV
MIL-STD-3015.7
Modified HBM
1.5k Ω 100pF 8kV †
Standard HBM
1.5k Ω 100pF
2kV
EIAJ IC121
Machine Model
0k Ω
200pF
400V
US ESD DS 5.3
Charged Device
Model
0k Ω
NA
3kV
H.V.
SUPPLY
VD
IN
DUT
CD
R1
IEC 1000-4-2: R1 50 to 100M
RD
CHARGE
SWITCH
DISCHARGE
SWITCH
MIL STD 3015.7: R 11 to 10M
FIGURE 1. ELECTR OSTATIC DISCHARGE TEST
†Upper limit of laboratory test set.
600800
1000
1200
200
160
120
80
40
0
SINGLE PULSE
T
A = 25°C
FORWARD SCR VOLTAGE DROP (mV)
5
4
3
2
1
0
T
A = 25°C
SINGLE PULSE
EQUIV. SAT. ON
THRESHOLD ~ 1.1V
FORWARD SCR VOLTAGE DROP (V)
01
23
600800
1000
1200
200
160
120
80
40
0
SINGLE PULSE
T
A = 25°C
FORWARD SCR VOLTAGE DROP (mV)
5
4
3
2
1
0
T
A = 25°C
SINGLE PULSE
EQUIV. SAT. ON
THRESHOLD ~ 1.1V
FORWARD SCR VOLTAGE DROP (V)
01
23
Figure 1: Electrostatic Discharge Test
Table 1: ESD Test Conditions
Figure 3: High Current SCR ForwardVoltage Drop Curve
Figure 2: Low Current SCR Forward Voltage Drop Curve



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com