Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP724AHTG Datasheet(PDF) 5 Page - Littelfuse

Part # SP724AHTG
Description  TVS Diode Arrays (SPA짰 Diodes) General Purpose ESD Protection - SP724 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP724AHTG Datasheet(HTML) 5 Page - Littelfuse

  SP724AHTG Datasheet HTML 1Page - Littelfuse SP724AHTG Datasheet HTML 2Page - Littelfuse SP724AHTG Datasheet HTML 3Page - Littelfuse SP724AHTG Datasheet HTML 4Page - Littelfuse SP724AHTG Datasheet HTML 5Page - Littelfuse SP724AHTG Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2013 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/24/13
TVS Diode Arrays (SPA®Diodes)
General Purpose ESD Protection - SP724 Series
Package Dimensions — Small Outline Transistor Plastic Packages (SOT23-6)
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do
Critical Zone
TL to TP
Critical Zone
TL to TP
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (Liquidus) Temp
(T
L) to peak
5°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
260°C
Soldering Parameters
Notes:
1. Dimensioning and tolerances per ANSI 14.5M-1982.
2. Package conforms to EIAJ SC-74 (1992).
3. Dimensions D and E1 are exclusive of mold flash, protrusions, or gate burrs.
4. Footlenth L measured at reference to seating plane.
5. “L” is the length of flat foot surface for soldering to substrate.
6. “N” is the number of terminal positions.
7. Controling dimension: MILLIMETER. Converted inch dimensions are not necessarily
exact.
Package
SOT23-6
Pins
6
JEDEC
MO-178
Millimeters
Inches
Notes
Min
Max
Min
Max
A
0.900
1.450
0.035
0.057
-
A1
0.000
0.150
0.000
0.006
-
A2
0.900
1.300
0.035
0.051
-
b
0.350
0.500
0.0138
0.0196
-
C
0.080
0.220
0.0031
0.009
-
D
2.800
3.000
0.11
0.118
3
E
2.600
3.000
0.102
0.118
-
E1
1.500
1.750
0.06
0.069
3
e
0.95 Ref
0.0374 ref
-
e1
1.9 Ref
0.0748 Ref
-
L
0.100
0.600
0.004
0.023
4,5
N
6
6
6
a
0º
10º
0º
10º
-
M
2.590
0.102
-
O
0.690
.027 TYP
-
P
0.990
.039 TYP
-
R
0.950
0.038
-
O
P
R
M
Recommended Solder Pad Layout



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com