Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT14ARZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # MAT14ARZ-R7
Description  Matched Monolithic Quad Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT14ARZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  MAT14ARZ-R7 Datasheet HTML 1Page - Analog Devices MAT14ARZ-R7 Datasheet HTML 2Page - Analog Devices MAT14ARZ-R7 Datasheet HTML 3Page - Analog Devices MAT14ARZ-R7 Datasheet HTML 4Page - Analog Devices MAT14ARZ-R7 Datasheet HTML 5Page - Analog Devices MAT14ARZ-R7 Datasheet HTML 6Page - Analog Devices MAT14ARZ-R7 Datasheet HTML 7Page - Analog Devices MAT14ARZ-R7 Datasheet HTML 8Page - Analog Devices MAT14ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MAT14
Rev. A | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Voltage
Collector-to-Base Voltage (BV
CBO)
40 V
Collector-to-Emitter Voltage (BV
CEO)
40 V
Collector-to-Collector Voltage (BV
CC)
40 V
Emitter-to-Emitter Voltage (BV
EE)
40 V
Current
Collector Current (I
C)
30 mA
Emitter Current (I
E)
30 mA
Temperature
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θ
JA
θ
JC
Unit
14-Lead SOIC
115
36
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com