Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT14ARZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # MAT14ARZ-R7
Description  Matched Monolithic Quad Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT14ARZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  MAT14ARZ-R7 Datasheet HTML 1Page - Analog Devices MAT14ARZ-R7 Datasheet HTML 2Page - Analog Devices MAT14ARZ-R7 Datasheet HTML 3Page - Analog Devices MAT14ARZ-R7 Datasheet HTML 4Page - Analog Devices MAT14ARZ-R7 Datasheet HTML 5Page - Analog Devices MAT14ARZ-R7 Datasheet HTML 6Page - Analog Devices MAT14ARZ-R7 Datasheet HTML 7Page - Analog Devices MAT14ARZ-R7 Datasheet HTML 8Page - Analog Devices MAT14ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MAT14
Rev. A | Page 3 of 12
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
TA = 25°C, unless otherwise specified.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DC AND AC CHARACTERISTICS
Current Gain
h
FE
10 µA ≤ I
C ≤ 1 mA
0 V ≤ V
CB ≤ 30 V
1
300
600
−40°C ≤ T
A ≤ +85°C
200
500
Current Gain Match
Δh
FE
I
C = 100 µA
2
1
4
%
0 V ≤ V
CB ≤ 30 V
Noise Voltage Density
e
N
I
C = 1 mA, VCB = 0
3
f
O = 10 Hz
2
4
nV/√Hz
f
O = 100 Hz
1.8
3
nV/√Hz
f
O = 1 kHz
1.8
3
nV/√Hz
Offset Voltage
V
OS
10 µA ≤ I
C ≤ 1 mA
4
0 V ≤ V
CB ≤ 30 V
100
400
µV
−40°C ≤ T
A ≤ +85°C
120
520
μV
Offset Voltage Change vs. V
CB Change
ΔV
OS/ΔVCB
0 V ≤ V
CB ≤ 30 V
4
10 µA ≤ I
C ≤ 1 mA
100
200
µV
Offset Voltage Change vs. I
C Change
ΔV
OS/ΔIC
10 µA ≤ I
C ≤ 1 mA
4, V
CB = 0 V
10
50
µV
Offset Voltage Drift
ΔV
OS/ΔT
−40°C ≤ T
A ≤ +85°C
I
C = 100 µA, VCB = 0 V
0.4
2
µV/°C
Breakdown Voltage
BV
CEO
I
C = 10 µA
40
V
−40°C ≤ T
A ≤ +85°C
40
V
Gain-Bandwidth Product
f
T
I
C = 1 mA, VCE = 10 V
300
MHz
Collector Leakage Current
Base
I
CBO
V
CB = 40 V
5
pA
−40°C ≤T
A ≤ +85°C
0.5
nA
Substrate
I
CS
V
CS = 40 V
0.5
nA
−40°C ≤ T
A ≤ +85°C
0.7
nA
Emitter
I
CES
V
CE = 40 V
3
nA
−40°C ≤ T
A ≤ +85°C
5
nA
Input Current
Bias
I
B
I
C = 100 µA, 0 V ≤ VCB ≤ 30 V
165
330
nA
−40°C ≤ T
A ≤ +85°C
200
500
nA
Offset
I
OS
I
C = 100 µA, VCB = 0 V
2
13
nA
−40°C ≤ T
A ≤ +85°C
8
40
nA
Offset Drift
ΔI
OS/ΔT
I
C = 100 µA
−40°C ≤ T
A ≤ +85°C
100
pA/°C
Collector Saturation Voltage
V
CE(SAT)
I
C = 1 mA, IB = 100 µA
0.03
0.06
V
Output Capacitance
C
OBO
V
CB = 15 V, IE
5 = 0, f = 1 MHz
10
pF
Bulk Resistance
r
BE
10 µA ≤ I
C ≤ 10 mA,VCB = 0 V
6
0.4
0.6
Ω
Input Capacitance
C
EBO
V
CB = 15 V, IE = 0, f = 1 MHz
40
pF
1 Current gain measured at I
C = 10 µA, 100 µA, and 1 mA.
2 Current gain match (Δh
FE) defined as: ΔhFE = (100(ΔIB)(hFE min)/IC).
3 Sample tested.
4 Measured at I
C = 10 µA and guaranteed by design over the specified range of IC.
5 See Table 2 for the emitter current rating.
6 Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com