Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC20MA0160KBA Datasheet(PDF) 2 Page - AVX Corporation

Part # VC20MA0160KBA
Description  Transient Voltage Suppression, ESD Protection Devices & EMI Devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC20MA0160KBA Datasheet(HTML) 2 Page - AVX Corporation

  VC20MA0160KBA Datasheet HTML 1Page - AVX Corporation VC20MA0160KBA Datasheet HTML 2Page - AVX Corporation VC20MA0160KBA Datasheet HTML 3Page - AVX Corporation VC20MA0160KBA Datasheet HTML 4Page - AVX Corporation VC20MA0160KBA Datasheet HTML 5Page - AVX Corporation VC20MA0160KBA Datasheet HTML 6Page - AVX Corporation VC20MA0160KBA Datasheet HTML 7Page - AVX Corporation VC20MA0160KBA Datasheet HTML 8Page - AVX Corporation VC20MA0160KBA Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
31
Glass Encapsulated SMD Varistor MLV
(VJ12, 20, 13, 14, 15, 32)
Automotive MLV Range – MA and PA Series
AUTOMOTIVE SERIES – VJ12, 20, 13, 14, 15, 32 MA and PA SERIES
FEATURES
• Available in case size 0805, 1206, 1210, 1812, 2220,
(3220 under development)
• Nickel and Tin (100%) plated Termination
• Max Energy absorption: 1.5 to 25J (50J under
development)
• Well suited to protect against automotive related transients
• Load Dump capabilities: according to ISO standard
DP7637-2 12V and 24V pulse 5
• Jump start capability (12V): 24.5 V - 5mn
• Complying to main requirements of AECQ 200
• RoHS Compliant and IMDS Registration
GENERAL CHARACTERISTICS
Storage Temperature: -55ºC to +150ºC
Operating Temperature: -55ºC to +125ºC*
* 150°C upon request
APPLICATIONS
• Protection of various semiconductor elements from
overvoltage.
• Absorption of switching surge and electrostatic surge for
relays and motors.
• Protection of electronic equipment for automobiles from
induced lightning surge.
PART NUMBERS
Part Number
Case Size
Working
Breakdown
Peak
Maximum
Energy
Energy
Jump Start
T max
EIA
Voltage
Voltage
current
leakage
10*1000µs
Load-Dump
current at Vdc
(x10)
Vdc
V(1mA)
Amp. 8*20µs
µA
Joules
Joules
Vmax
Thickness
(5mn min.)
mm (inches)
*VJ12PA0160---
0805
16
24.5
120
20
0.3
1
24.5
1.3
VJ20MA0160---
1206
16
24.5
200
20
0.6
1.5
24.5
1.7
VJ20PA0160---
1206
16
24.5
300
20
1.1
2
24.5
1.7
VJ13MA0160---
1210
16
24.5
400
20
1.6
3
24.5
1.7
VJ13PA0160---
1210
16
24.5
500
20
2
5
24.5
1.7
VJ14MA0160---
1812
16
24.5
800
20
2.4
6
25.5
2
VJ14PA0160---
1812
16
24.5
1000
20
2.9
10
25.5
2
VJ15MA0160---
2220
16
24.5
1200
20
5.8
12
25.5
2
VJ15PA0160---
2220
16
24.5
1500
20
7.2
25
25.5
2
VJ32PA0160---
3220
16
24.5
2000
20
13.8
50
24.5
2.5
VJ15MA0340---
2220
34
47
1200
20
10
12
47
2.5
VJ15PA0340---
2220
34
47
2000
20
13
25
47
2.5
*VJ32PA0340
3220
34
47
2000
20
19
50
47
2.5
* under development
Hybrid termination AgPdPt upon request
TEMPERATURE CHARACTERISTICS
For Current, Energy and Power
100
120
80
60
40
20
0
-55
-25
0
25
Ambient Temperature (
°C)
50
75
100
125
150
IMPEDANCE CHARACTERISTICS
VJ15PA0160K
VJ15MA0160K
VJ14MA0160K
VJ13MA0160K
VJ20MA0160K
VJ15MA0340K
100
10
1
0.1
0.01
1,000
10,000
100,000
Frequency (kHz)
1,000,000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com