Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC20MA0160KBA Datasheet(PDF) 8 Page - AVX Corporation

Part # VC20MA0160KBA
Description  Transient Voltage Suppression, ESD Protection Devices & EMI Devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC20MA0160KBA Datasheet(HTML) 8 Page - AVX Corporation

Back Button VC20MA0160KBA Datasheet HTML 2Page - AVX Corporation VC20MA0160KBA Datasheet HTML 3Page - AVX Corporation VC20MA0160KBA Datasheet HTML 4Page - AVX Corporation VC20MA0160KBA Datasheet HTML 5Page - AVX Corporation VC20MA0160KBA Datasheet HTML 6Page - AVX Corporation VC20MA0160KBA Datasheet HTML 7Page - AVX Corporation VC20MA0160KBA Datasheet HTML 8Page - AVX Corporation VC20MA0160KBA Datasheet HTML 9Page - AVX Corporation VC20MA0160KBA Datasheet HTML 10Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
37
Glass Encapsulated SMD Varistor MLV
(VJ14)
Telecom MLV Range – MT Series
TELECOM MLV RANGE - VJ14 MT SERIES
FEATURES
• Effective alternative to leaded MOVs between 60 and
90 Vrsm
• High Energy Ratings up to 6 Joules with 1812 case size
• Nickel barrier or hybrid AgPdPt terminations
• Multiple Strike Capability
• Provide EMC Capacitance
• Specified in accordance to CCITT 10/1000μs Pulse test
• RoHS Compliant and IMDS Registration
CCITT 10x700µs TEST
A pulse of 10 x 700μs duration as specified by CCITT or IEC
61000-4-5 is often used to check the interference immunity
of Telecom equipment.
The curves show that the 60Vrms Varistor can reduce the
interference of the equipment from 2KV to less than 200V.
TARGET APPLICATIONS
• Phone Lines, ADSL Lines, and other Telecom Circuits
• Consumer Products
GENERAL CHARACTERISTICS
Storage Temperature: -55ºC to +125ºC
Operating Temperature: -55ºC to +125ºC
60Vrms
95Vrms
10%
8%
6%
4%
2%
0%
110
100
Pulses
1000
With a 60Vrms Telecom Varistor
(Protection level <200V)
Without Varistor
(Open-circuit voltage)
2000
1500
1000
500
0
0
0.2
0.4
0.6
0.8
Time (ms)
1
1.2
1.4
1.6
Ten pulses with a duration of 10x700μs applied at one
minute intervals are specified for telecom equipment.
The curves show the V1mA drift when more than 10 pulses
are applied.
PART NUMBERS
Breakdown
CCITT
l max.
Energy
Mean
Typical
Part Number
Case Size
Operating Voltage
Voltage
Max. Clamping Voltage
10 Pulses
8*20µs
10*1000µs
Power
Cap.
10*700µs
Dissipation
EIA
Vac
Vdc
V(1mA)
V
Amp.
Amp.
Amp.
Joules
W
pF
VJ14MT0600---
1812
60
85
100
400
45
45
400
6
0.015
400
VJ14MT0750---
1812
75
100
120
400
45
45
400
6
0.015
400
VJ14MT0950---
1812
95
125
150
250
45
45
250
5
0.015
250
10/700 Pulse Test Capability
Typical V1mA Drift
10/700 Telecom Test Pulse Wave-Form
Hybrid termination AgPdPt (VC Range) upon request



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com