Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH200048 Datasheet(PDF) 2 Page - TDK Electronics

Part # TH200048
Description  1200 to 2500W Front End Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TH200048 Datasheet(HTML) 2 Page - TDK Electronics

  TH200048 Datasheet HTML 1Page - TDK Electronics TH200048 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
131
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision B4: May 2012
TH Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/th-series.htm
THR4 Rack Outline Drawing
TH Module Outline Drawing
PX, CC-E, PAQ, PAH, PAF
DC-DC Converters
FPS1000
1U 1kW to 3kW Low Cost Front End
Mating Housing
Molex MicroFit 43025-2000
Mating Terminal
Molex MicroFit 43030-0002
Other Industrial Products
Alarm Connector
Output
Output
Maximum
Model
Voltage
Current
Power
TH120012(5)
12V
100A
1200W
TH120024
24V
50A
1250W
TH120048
48V
25A
1250W
TH250048(5)
48V
50A
2500W
THR4
19” Rack holds up to 4 TH Modules;
200A maximum output current.
THR400
19” Rack holds up to 4 TH modules;
400A maximum output current. Screw
terminal input connection.
THRBP
Blanking panel for one module slot.
THR4NIC
Network interface card for 48V systems.
THR4NIC12
Network interface card for 12V systems.
THR4NIC24
Network interface card for 24V systems.
TLCK232
RS232 Communications kit.
TLRC01
Signal cable
Models



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com