Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH200048 Datasheet(PDF) 1 Page - TDK Electronics

Part # TH200048
Description  1200 to 2500W Front End Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TH200048 Datasheet(HTML) 1 Page - TDK Electronics

  TH200048 Datasheet HTML 1Page - TDK Electronics TH200048 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
130
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
TH Series
Features
u 1U High
u Up to 10,000W in 19” Rack
u Hot Swap Capable
u High Efficiency
u Full array of signals
1200 to 2500W Front End Power Supplies
Model
TH120012(5)
TH120024
TH120048
TH250048(5)
Nominal Voltage
V
12
24
48
48
Output Voltage Range
VDC
10.5-14
21-28
42-56
42-56
Total Regulation
%
±1%
Output Current
A(max)
100
50
25
50
Current limit
(1)
A
120
60
30
60
Short Circuit Current
%
150
75
37
75
Output Noise
mV
250mV peak to peak (10kHz to 20MHz)
Output Rise Time
ms
100-400 ms
Dynamic Response
%
3% in 10ms for a 10-100% load change
Overvoltage Protection
(1) VDC
13-15
27-30
50-60
50-60
Load Sharing
%
±5%
I2C Programing
-
Set output Volt, Monitors AC present, Converter OK, Thermal Profile, Fan fail
Signals (opto isolated)
(4)
-
AC Fail, Module Alarm, Temp Alarm
Remote On/Off
V
Shuts down outputs by applying 3.3 to 5V
Auxiliary Output
(3)
-
12V@100mA
AC Input
VAC
90-264
90-264
90-264
180-264
Input Frequency
Hz
47-63
Power Factor
-
0.99 typ. @ 230VAC, full load, meets EN61000-3-2
Inrush Current
(2)
A
30 Amps peak
Efficiency (at full load)
%
88
90
92
93
Immunity
-
EN61000-4-2,-3,-4,-5,-6,-8,-11
EMC (conducted and radiated)
-
EN55022, Level B, FCC Class B
Operating Temperature
°C
-40 to 70, derate linearly to 60% load above 50°C
Storage Temperature
°C
-40 to 85
Humidity
%
5 to 95 (non-condensing)
Altitude
ft
-200 to 8000
Shock
G
IEC68-2-27, Mil-STD-810E, 20G
Vibration
Hz
IEC68-2-64 (random) 20-2000Hz, 30 minutes
Safety Agency
-
UL60950, CSA 22.2 No. 60950-00, EN60950, CE Mark
Size (L x W x H)
in.
14.25 x 4.00 x 1.69 (stand alone), 16.30 x 17.31 x 1.7 (THR4 Rack)
Weight
lbs
Power Module 6lbs, Rack 9lbs
Warranty
yrs
Two Years
1
Adjustable via i2C or through Lambda Network Interface Card
2
Excludes Xcaps in the EMC input filter
3
Output operates independent of main DC output and is referenced to (-)Vout
4
All three signals share a common return - logic ground
5
Use rack model THR400
Specifications
Key Market Segments & Applications


Similar Part No. - TH200048

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
TH20011D VITALCONN-TH20011D Datasheet
342Kb / 1P
Dual Port 10/100 BASE-T MAGNETICS MODULES
2022/01/10 (REV: A2)
More results

Similar Description - TH200048

ManufacturerPart #DatasheetDescription
logo
Power-One
FXC6000 POWER-ONE-FXC6000 Datasheet
124Kb / 4P
Distributed Power Front-End
FXP6000 POWER-ONE-FXP6000 Datasheet
359Kb / 8P
Distributed Power Front-End
logo
Lineage Power Corporati...
CAR1248FP LINEAGEPOWER-CAR1248FP Datasheet
890Kb / 2P
1200 Watt 48V Front End Power Supply
CAR1212DC LINEAGEPOWER-CAR1212DC Datasheet
895Kb / 2P
1200 Watt, 12V DC Input Front End
CAR1212FP LINEAGEPOWER-CAR1212FP Datasheet
828Kb / 2P
1200 Watt 12V Front End Power Supply
logo
TDK Electronics
HFE2500 TDK-HFE2500 Datasheet
1Mb / 2P
2500W 1U Front End Power Supplies
HFE1600 TDK-HFE1600 Datasheet
1,001Kb / 2P
1600W 1U Front End Power Supplies
RFE1600 TDK-RFE1600 Datasheet
705Kb / 2P
1600W 1U Front End Power Supplies
FPSS1U TDK-FPSS1U Datasheet
278Kb / 2P
1000W Front End Power Supplies
logo
Bel Fuse Inc.
PFE1500 BEL-PFE1500 Datasheet
2Mb / 27P
AC-DC FRONT-END POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com