Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5429EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-AD5429EBZ
Description  Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5429EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-AD5429EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD5429/AD5439/AD5449
Rev. C | Page 7 of 32
ABSOLUTE MAXIMUM RATINGS
Transient currents of up to 100 mA do not cause SCR latch-up.
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
VREFx, RFBx to GND
−12 V to +12 V
IOUT1, IOUT2 to GND
−0.3 V to +7 V
Input Current to Any Pin Except Supplies
±10 mA
Logic Inputs and Output1
−0.3 V to VDD + 0.3 V
Operating Temperature Range
Extended (Y Version)
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
16-Lead TSSOP, θJA Thermal Impedance
150°C/W
Lead Temperature, Soldering (10 sec)
300°C
IR Reflow, Peak Temperature (<20 sec)
235°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability. Only one absolute maximum rating may be
applied at any one time.
ESD CAUTION
1 Overvoltages at SCLK, SYNC, and SDIN are clamped by internal diodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com