Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD5429EBZ Datasheet(PDF) 19 Page - Analog Devices

Part # EVAL-AD5429EBZ
Description  Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5429EBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button EVAL-AD5429EBZ Datasheet HTML 15Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 16Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 17Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 18Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 19Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 20Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 21Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 22Page - Analog Devices EVAL-AD5429EBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD5429/AD5439/AD5449
Rev. C | Page 19 of 32
REFERENCE SELECTION
When selecting a reference for use with the AD54xx series of
current output DACs, pay attention to the reference output voltage
temperature coefficient specification. This parameter affects not
only the full-scale error, but it can also affect the linearity (INL and
DNL) performance. The reference temperature coefficient should
be consistent with the system accuracy specifications. For example,
an 8-bit system required to hold its overall specification to within
1 LSB over the temperature range of 0°C to 50°C dictates that the
maximum system drift with temperature should be less than
78 ppm/°C. A 12-bit system with the same temperature range
to overall specification within 2 LSBs requires a maximum drift
of 10 ppm/°C. By choosing a precision reference with a low output
temperature coefficient, this error source can be minimized.
Table 7 lists some references available from Analog Devices, Inc.,
that are suitable for use with this range of current output DACs.
AMPLIFIER SELECTION
The primary requirement for the current-steering mode is an
amplifier with low input bias currents and low input offset voltage.
Because of the code-dependent output resistance of the DAC,
the input offset voltage of an op amp is multiplied by the variable
gain of the circuit. A change in this noise gain between two
adjacent digital fractions produces a step change in the output
voltage due to the amplifier input offset voltage. This output
voltage change is superimposed on the desired change in output
between the two codes and gives rise to a differential linearity
error, which, if large enough, could cause the DAC to be non-
monotonic. The input bias current of an op amp also generates
an offset at the voltage output as a result of the bias current flowing
in the feedback resistor, RFB. Most op amps have input bias
currents low enough to prevent significant errors in 12-bit
applications.
Common-mode rejection of the op amp is important in voltage-
switching circuits because it produces a code-dependent error
at the voltage output of the circuit. Most op amps have adequate
common-mode rejection for use at 8-, 10-, and 12-bit resolution.
If the DAC switches are driven from true wideband low impedance
sources (VIN and AGND), they settle quickly. Consequently, the
slew rate and settling time of a voltage-switching DAC circuit
is determined largely by the output op amp. To obtain minimum
settling time in this configuration, minimize capacitance at the
VREF node (the voltage output node in this application) of the
DAC by using low input capacitance buffer amplifiers and careful
board design.
Most single-supply circuits include ground as part of the analog
signal range, which, in turn, requires an amplifier that can handle
rail-to-rail signals. Analog Devices offers a wide range of single-
supply amplifiers (see Table 8 and Table 9).
Table 7. Suitable Analog Devices Precision References
Part No.
Output Voltage (V)
Initial Tolerance (%)
Temp Drift (ppm/°C)
ISS (mA)
Output Noise (μV p-p)
Package
ADR01
10
0.05
3
1
20
SOIC-8
ADR01
10
0.05
9
1
20
TSOT-23, SC70
ADR02
5
0.06
3
1
10
SOIC-8
ADR02
5
0.06
9
1
10
TSOT-23, SC70
ADR03
2.5
0.10
3
1
6
SOIC-8
ADR03
2.5
0.10
9
1
6
TSOT-23, SC70
ADR06
3
0.10
3
1
10
SOIC-8
ADR06
3
0.10
9
1
10
TSOT-23, SC70
ADR431
2.5
0.04
3
0.8
3.5
SOIC-8
ADR435
5
0.04
3
0.8
8
SOIC-8
ADR391
2.5
0.16
9
0.12
5
TSOT-23
ADR395
5
0.10
9
0.12
8
TSOT-23
Table 8. Suitable Analog Devices Precision Op Amps
Part No.
Supply Voltage (V)
VOS (Max) (μV)
IB (Max) (nA)
0.1 Hz to 10 Hz Noise (μV p-p)
Supply Current (μA)
Package
OP97
±2 to ±20
25
0.1
0.5
600
SOIC-8
OP1177
±2.5 to ±15
60
2
0.4
500
MSOP, SOIC-8
AD8551
2.7 to 5
5
0.05
1
975
MSOP, SOIC-8
AD8603
1.8 to 6
50
0.001
2.3
50
TSOT
AD8628
2.7 to 6
5
0.1
0.5
850
TSOT, SOIC-8
Table 9. Suitable Analog Devices High Speed Op Amps
Part No.
Supply Voltage (V)
BW @ ACL (MHz)
Slew Rate (V/μs)
VOS (Max) (μV)
IB (Max) (nA)
Package
AD8065
5 to 24
145
180
1500
6000
SOIC-8, SOT-23, MSOP
AD8021
±2.5 to ±12
490
120
1000
10,500
SOIC-8, MSOP
AD8038
3 to 12
350
425
3000
750
SOIC-8, SC70-5
AD9631
±3 to ±6
320
1300
10,000
7000
SOIC-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com