Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5100ASD Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5100ASD
Description  3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100ASD Datasheet(HTML) 1 Page - Texas Instruments

  LM5100ASD Datasheet HTML 1Page - Texas Instruments LM5100ASD Datasheet HTML 2Page - Texas Instruments LM5100ASD Datasheet HTML 3Page - Texas Instruments LM5100ASD Datasheet HTML 4Page - Texas Instruments LM5100ASD Datasheet HTML 5Page - Texas Instruments LM5100ASD Datasheet HTML 6Page - Texas Instruments LM5100ASD Datasheet HTML 7Page - Texas Instruments LM5100ASD Datasheet HTML 8Page - Texas Instruments LM5100ASD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LO
UVLO
HO
DRIVER
UVLO
LEVEL
SHIFT
HB
HS
DRIVER
VDD
VSS
HI
LI
LM5100A, LM5100B, LM5100C, LM5101A, LM5101B, LM5101C
www.ti.com
SNOSAW2P – SEPTEMBER 2006 – REVISED MARCH 2013
LM5100A/B/C
LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
Check for Samples: LM5100A, LM5100B, LM5100C, LM5101A, LM5101B, LM5101C
1
FEATURES
DESCRIPTION
The LM5100A/B/C and LM5101A/B/C High Voltage
2
•
Drives Both a High-side and Low-side N-
Gate Drivers are designed to drive both the high-side
Channel MOSFETs
and
the
low-side
N-Channel
MOSFETs
in
a
•
Independent High and Low Driver Logic Inputs
synchronous buck or a half-bridge configuration. The
•
Bootstrap Supply Voltage up to 118V DC
floating high-side driver is capable of operating with
supply voltages up to 100V. The “A” versions provide
•
Fast Propagation Times (25 ns Typical)
a full 3A of gate drive while the “B” and “C” versions
•
Drives 1000 pF Load with 8 ns Rise and Fall
provide 2A and 1A respectively. The outputs are
Times
independently controlled with CMOS input thresholds
•
Excellent Propagation Delay Matching (3 ns
(LM5100A/B/C)
or
TTL
input
thresholds
(LM5101A/B/C). An integrated high voltage diode is
typical)
provided to charge the high-side gate drive bootstrap
•
Supply Rail Under-voltage Lockout
capacitor. A robust level shifter operates at high
•
Low Power Consumption
speed while consuming low power and providing
•
Pin Compatible with HIP2100/HIP2101
clean level transitions from the control logic to the
high-side
gate
driver.
Under-voltage
lockout
is
provided on both the low-side and the high-side
TYPICAL APPLICATIONS
power rails. These devices are available in the
•
Current Fed Push-pull Converters
standard SOIC-8 pin, SO PowerPad-8 pin and the
•
Half and Full Bridge Power Converters
WSON-10
pin
packages.
The
LM5100C
and
LM5101C are also available in MSOP-PowerPad-8
•
Synchronous Buck Converters
package. The LM5101A is also available in WSON-8
•
Two Switch Forward Power Converters
pin package.
•
Forward with Active Clamp Converters
Package
•
SOIC-8
•
SO PowerPad-8
•
WSON-8 (4 mm x 4 mm)
•
WSON-10 (4 mm x 4 mm)
•
MSOP-PowerPad-8
Simplified Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5100ASD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5100ASD TI1-LM5100ASD Datasheet
1Mb / 37P
High-Voltage, High-Side and Low-Side Gate Drivers
More results

Similar Description - LM5100ASD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
High Voltage High Side and Low Side Gate Driver
LM5100B NSC-LM5100B Datasheet
812Kb / 15P
3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Fairchild Semiconductor
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
Dual 2A High-Speed, Low-Side Gate Drivers
logo
Texas Instruments
LM5100A TI1-LM5100A Datasheet
596Kb / 20P
LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5100A TI1-LM5100A_15 Datasheet
1Mb / 37P
High-Voltage, High-Side and Low-Side Gate Drivers
LM25101 TI1-LM25101 Datasheet
1Mb / 26P
3A, 2A, and 1A 80V Half-Bridge Gate Drivers
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
High Voltage High Side and Low Side Gate Driver
logo
Diodes Incorporated
DGD2110 DIODES-DGD2110_V01 Datasheet
1Mb / 12P
HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com