Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXM4LB2CD Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RXM4LB2CD
Description  Electromechanical Zelio Relay RXM Optimum miniature plug-in relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RXM4LB2CD Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RXM4LB2CD Datasheet HTML 1Page - List of Unclassifed Manufacturers RXM4LB2CD Datasheet HTML 2Page - List of Unclassifed Manufacturers RXM4LB2CD Datasheet HTML 3Page - List of Unclassifed Manufacturers RXM4LB2CD Datasheet HTML 4Page - List of Unclassifed Manufacturers RXM4LB2CD Datasheet HTML 5Page - List of Unclassifed Manufacturers RXM4LB2CD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5
References
Electromechanical Zelio Relay
RXM Optimum miniature plug-in relays
References
Miniature relays without lockable test-button, with LED
(sold in lots of 10)
Control
circuit
voltage
Number and type of contacts - Thermal current (Ith)
2 C/O - 5 A
4 C/O - 3 A
Unit
reference
Weight
Unit
reference
Weight
Vkg
kg
c 12
RXM 2LB2JD
0.033
RXM 4LB2JD
0.035
c 24
RXM 2LB2BD
0.032
RXM 4LB2BD
0.034
c 36
RXM 2LB2CD
0.034
RXM 4LB2CD
0.036
c 48
RXM 2LB2ED
0.033
RXM 4LB2ED
0.035
c 110
RXM 2LB2FD
0.031
RXM 4LB2FD
0.033
a 24
RXM 2LB2B7
0.033
RXM 4LB2B7
0.035
a 120
RXM 2LB2F7
0.032
RXM 4LB2F7
0.033
a 230
RXM 2LB2P7
0.031
RXM 4LB2P7
0.032
Miniature relays without lockable test-button, without LED
(sold in lots of 10)
Control
circuit
voltage
Number and type of contacts - Thermal current (Ith)
2 C/O - 5 A
4 C/O - 3 A
Unit
reference
Weight
Unit
reference
Weight
Vkg
kg
c 12
RXM 2LB1JD
0.032
RXM 4LB1JD
0.034
c 24
RXM 2LB1BD
0.032
RXM 4LB1BD
0.033
c 48
RXM 2LB1ED
0.033
RXM 4LB1ED
0.034
a 24
RXM 2LB1B7
0.033
RXM 4LB1B7
0.034
a 120
RXM 2LB1F7
0.031
RXM 4LB1F7
0.033
a 230
RXM 2LB1P7
0.030
RXM 4LB1P7
0.032
Sockets
(sold in lots of 10)
Contact terminal
arrangement
Connection
Relay
type
Unit
reference
Weight
kg
Mixed
Screw clamp
RXM2
RXZ E1M2C
0.034
Screw clamp
RXM2
RXM4
RXZ E1M4C
0.053
Accessories
(sold in lots of 10)
Description
For use with
Unit
reference
Weight
kg
Metal maintaining clamp
RXZ E1M2C
RXZ 420
0.001
RXZ E1M4C
RXZ 430
0.001
nota: If protection module needed, please used the RZE2
p sockets with the associated
protection module RXM0. You can find all the details in the RXM
pAB range.
RXZ E1M
pC
RXM
pLBppp
RXZ 420
RXZ 430
2
1
3
4
5
6
7
8
9
10
2
1
3
4
5
6
7
8
9
10
28212-EN
version: 1.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com