Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RXM4LB2CD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RXM4LB2CD
Description  Electromechanical Zelio Relay RXM Optimum miniature plug-in relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RXM4LB2CD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RXM4LB2CD Datasheet HTML 1Page - List of Unclassifed Manufacturers RXM4LB2CD Datasheet HTML 2Page - List of Unclassifed Manufacturers RXM4LB2CD Datasheet HTML 3Page - List of Unclassifed Manufacturers RXM4LB2CD Datasheet HTML 4Page - List of Unclassifed Manufacturers RXM4LB2CD Datasheet HTML 5Page - List of Unclassifed Manufacturers RXM4LB2CD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2
Presentation
Electromechanical Zelio Relay
RXM Optimum miniature plug-in relays
Presentation of the range
The RXM Optimum miniature relay range comprises:
1 5 A relay with 2 C/O contacts or 3 A relays with 4 C/O contacts.
The relays have the same dimensions.
2 Socket with mixed contact terminals.
3 Metal maintaining clamps (accessories).
Relay description
1 Area by which the product can be easily gripped.
2 Mechanical “relay status” indicator.
3 LED (depending on version) indicating the relay status.
4 Four notches for rail mounting adapter or panel mounting adapter with fixing lugs.
5 Eight or fourteen Faston type pins.
Socket description
1 Two fixing holes for panel mounting.
2 Connection by screw clamp terminals.
3 Eight or fourteen female contacts for the relay pins.
4 Two fixing holes for metal maintaining clamp.
5 Locating slot for mounting on DIN rail with fixing clip.
2
3
4
5
1
2
3
4
1
5
Presentation :
page 28212/2
Characteristics :
page 28212/3
References :
page 28212/5
Dimensions, schemes :
page 28212/6
2
1
3
2
1
3
4
5
6
7
8
9
10
2
1
3
4
5
6
7
8
9
10
28212-EN
version: 1.1


Similar Part No. - RXM4LB2CD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RXM4AB1B7 SCHNEIDER-RXM4AB1B7 Datasheet
219Kb / 6P
Harmony, Miniature plug-in relay, 6 A, 4 CO, with lockable test button, 24 V AC
Aug 5, 2021
RXM4AB1B7PVM SCHNEIDER-RXM4AB1B7PVM Datasheet
189Kb / 6P
Harmony, Miniature plug-in relay pre-assembled, 6 A, 4 CO, with lockable test button, mixed terminals socket, 24 V AC
Aug 31, 2021
RXM4AB1B7PVS SCHNEIDER-RXM4AB1B7PVS Datasheet
192Kb / 6P
Harmony, Miniature plug-in relay pre-assembled, 6 A, 4 CO, with lockable test button, separate terminals socket, 24 V AC
Aug 4, 2021
logo
List of Unclassifed Man...
RXM4AB1BD ETC2-RXM4AB1BD Datasheet
73Kb / 5P
miniature plug-in relay - Zelio RXM - 4 C/O - 24 V DC - 6 A
logo
Schneider Electric
RXM4AB1BD SCHNEIDER-RXM4AB1BD Datasheet
219Kb / 6P
Harmony, Miniature plug-in relay, 6 A, 4 CO, with lockable test button, 24 V DC
Aug 5, 2021
More results

Similar Description - RXM4LB2CD

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
R2101223 ZETTLER-R2101223 Datasheet
212Kb / 4P
Miniature plug-in power relays
R3201323 ZETTLER-R3201323 Datasheet
303Kb / 4P
Miniature plug-in power relays
R3201423 ZETTLER-R3201423 Datasheet
359Kb / 4P
Miniature plug-in power relays
logo
List of Unclassifed Man...
RXM2AB2B7 ETC2-RXM2AB2B7 Datasheet
76Kb / 5P
miniature plug-in relay - Zelio RXM - 2 C/O - 24 V AC - 12 A - with LED
logo
Panasonic Semiconductor
DS2Y-S-DC24V PANASONIC-DS2Y-S-DC24V Datasheet
73Kb / 3P
Miniature Relay DS2Y RELAYS
logo
List of Unclassifed Man...
RXM4AB1BD ETC2-RXM4AB1BD Datasheet
73Kb / 5P
miniature plug-in relay - Zelio RXM - 4 C/O - 24 V DC - 6 A
RXM3AB2BD ETC2-RXM3AB2BD Datasheet
76Kb / 5P
miniature plug-in relay - Zelio RXM - 3 C/O - 24 V DC - 10 A - with LED
logo
Schneider Electric
RXM4AB1P7 SCHNEIDER-RXM4AB1P7 Datasheet
142Kb / 6P
Miniature plug-in relay
Aug 13, 2020
RXM4AB2F7 SCHNEIDER-RXM4AB2F7 Datasheet
143Kb / 6P
Miniature plug-in relay
Aug 13, 2020
RXM4AB3F7 SCHNEIDER-RXM4AB3F7 Datasheet
212Kb / 6P
Plug In Relay, Zelio Relay, miniature, 6A at 277VAC, 4CO contacts, 120VAC 50/60Hz coil, with LED
Aug 5, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com