Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F372VC Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM32F372VC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372VC Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM32F372VC Datasheet HTML 58Page - STMicroelectronics STM32F372VC Datasheet HTML 59Page - STMicroelectronics STM32F372VC Datasheet HTML 60Page - STMicroelectronics STM32F372VC Datasheet HTML 61Page - STMicroelectronics STM32F372VC Datasheet HTML 62Page - STMicroelectronics STM32F372VC Datasheet HTML 63Page - STMicroelectronics STM32F372VC Datasheet HTML 64Page - STMicroelectronics STM32F372VC Datasheet HTML 65Page - STMicroelectronics STM32F372VC Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 128 page
background image
Electrical characteristics
STM32F37x
62/128
Doc ID 022691 Rev 3
Table 31.
Typical and maximum VDDA consumption in Stop and Standby modes
Symbol
Parameter
Conditions
Typ@VDD (VDD=VDDA)Max
(1)
Unit
2.0 V2.4 V2.7 V3.0 V3.3 V3.6 V
TA=
25 °C
TA=
85 °C
TA=
105 °C
IDDA
Supply
current in
Stop mode
Regulator in
run mode, all
oscillators OFF
1.99
2.07
2.19
2.33
2.46
2.64
10.8
11.8
12.4
µA
Regulator in
low-power
mode, all
oscillators OFF
1.99
2.07
2.18
2.32
2.47
2.63
10.6
11.5
12.5
Supply
current in
Standby
mode
LSI ON and
IWDG ON
2.44
2.53
2.7
2.89
3.09
3.33
LSI OFF and
IWDG OFF
1.87
1.94
2.06
2.19
2.35
2.51
4.1
4.5
4.8
IDDAmon
Supply
current for
VDDA and
VDDSD12
monitoring
-
0.95
1.02
1.12
1.2
1.27
1.4
1.
Data based on characterization results and tested in production.
2.
To obtain data with monitoring OFF is necessary to substract the IDDAmon current.
Table 32.
Typical and maximum current consumption from VBAT supply
(1)
Symbol Parameter
Conditions
Typ @ VBAT
Max(2)
Unit
TA=
25 °C
TA=
85 °C
TA=
105 °C
IDD_
VBAT
Backup
domain
supply
current
LSE & RTC ON;
"Xtal mode" lower
driving capability;
LSEDRV[1:0] = '00'
0.50 0.52 0.55 0.63 0.70 0.87 0.95
1.1
1.6
2.2
µA
LSE & RTC ON;
"Xtal mode" higher
driving capability;
LSEDRV[1:0] = '11'
0.85 0.90 0.93 1.02 1.10 1.27 1.38
1.6
2.4
3.0
1.
Crystal used: Abracon ABS07-120-32.768kHz-T with 6 pF of CL for typical values.
2.
Data based on characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com