Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F372VC Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM32F372VC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372VC Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32F372VC Datasheet HTML 78Page - STMicroelectronics STM32F372VC Datasheet HTML 79Page - STMicroelectronics STM32F372VC Datasheet HTML 80Page - STMicroelectronics STM32F372VC Datasheet HTML 81Page - STMicroelectronics STM32F372VC Datasheet HTML 82Page - STMicroelectronics STM32F372VC Datasheet HTML 83Page - STMicroelectronics STM32F372VC Datasheet HTML 84Page - STMicroelectronics STM32F372VC Datasheet HTML 85Page - STMicroelectronics STM32F372VC Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 128 page
background image
Electrical characteristics
STM32F37x
82/128
Doc ID 022691 Rev 3
6.3.14
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 52 are derived from tests
performed under the conditions summarized in Table 22. All I/Os are CMOS and TTL
compliant.
Table 52.
I/O static characteristics (1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Low level input
voltage
TC and TTa I/O
-
-
0.3VDD+0.07
(2)
V
FT and FTf I/O
-
-
0.475VDD–0.2
(2)
BOOT0
-
-
0.3VDD–0.3
(2)
All I/Os except BOOT0 pin
-
-
0.3VDD
VIH
High level input
voltage
TC and TTa I/O
0.445VDD+0.398
(2)
-
FT and FTf I/O
0.5VDD+0.2
(2)
-
BOOT0
0.2VDD+0.95
(2)
-
All I/Os except BOOT0 pin
0.7VDD
-
Vhys
Schmitt trigger
hysteresis
TC and TTa I/O
-
200(2)
-
mV
FT and FTf I/O
-
100(2)
-
BOOT0
-
300(2)
-
Ilkg
Input leakage
current (3)
TC, FT and FTf I/O
TTa in digital mode
VSS VIN VDD
--
01
µA
TTa in digital mode
VDD VIN VDDA
--
1
TTa in analog mode
VSS VIN VDDA
--
±0.2
FT and FTf I/O (3)
VDD VIN 5 V
--
10
RPU
Weak pull-up
equivalent resistor(4)
VIN =VSS
25
40
55
k
RPD
Weak pull-down
equivalent resistor(4)
VIN =VDD
25
40
55
CIO
I/O pin capacitance
-
5
-
pF
1.
VDDSD12 is the external power supply for PB2, PB10, and PE7 to PE15 I/O pins (the I/O pin ground is internally connected
to VSS). VDDSD3 is the external power supply for PB14 to PB15 and PD8 to PD15 I/O pins (the I/O pin ground is internally
connected to VSS). For those pins all VDD supply references in this table are related to their given VDDSDx power supply.
2.
Data based on design simulation only. Not tested in production.
3.
Leakage could be higher than maximum value, if negative current is injected on adjacent pins.
4.
Pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This
PMOS/NMOS contribution to the series resistance is minimal (~10% order).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com