Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F372VC Datasheet(PDF) 126 Page - STMicroelectronics

Part # STM32F372VC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F372VC Datasheet(HTML) 126 Page - STMicroelectronics

Back Button STM32F372VC Datasheet HTML 120Page - STMicroelectronics STM32F372VC Datasheet HTML 121Page - STMicroelectronics STM32F372VC Datasheet HTML 122Page - STMicroelectronics STM32F372VC Datasheet HTML 123Page - STMicroelectronics STM32F372VC Datasheet HTML 124Page - STMicroelectronics STM32F372VC Datasheet HTML 125Page - STMicroelectronics STM32F372VC Datasheet HTML 126Page - STMicroelectronics STM32F372VC Datasheet HTML 127Page - STMicroelectronics STM32F372VC Datasheet HTML 128Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 126 / 128 page
background image
Revision history
STM32F37x
126/128
Doc ID 022691 Rev 3
07-Sep-2012
2
(cont’d)
Filled values in Table 70: WWDG min-max timeout value @72
MHz (PCLK)
Filled values in Table 58: SPI characteristics
Filled values in Table 59: I2S characteristics
Replaced Table 60: ADC characteristics
Added values in Table 74: SDADC characteristics
Modified footnote in Table 75: VREFSD+ pin characteristics
Replaced ‘AIN’ with ‘SRC’ in Table 61: RSRC max for fADC =
14 MHz and Figure 30: Typical connection diagram using the
ADC
Reordered chapters and Cover page features.
Added subsection to GPIOS in Table 2: Device overview
Aligned SRAM with USB in Figure 1: Block diagram
Added “Do not reconfigure...” sentence in Section 3.9:
General-purpose input/outputs (GPIOs)
Added Table 7: STM32F37x I2C implementation
Added Table 8: STM32F37x USART implementation
Merged SPI and I2S into one section
Reshaped Figure 5: STM32F37x BGA100 pinout and
removed ADC10
Added notes column, modified I/O structure values and pin,
function names, removed TIM1_TX & TIM1_RX in Table 11:
STM32F37x pin definitions
Added the note “do not reconfigure...” after Table 11:
STM32F37x pin definitions
Modified “x_CK” occurences to “I2Sx_CK” in Table 12:
Alternate functions for port PA to Table 17: Alternate
functions for port PF
Added two GP I/Os in Table 9: Power supply scheme
Added Caution after Table 9: Power supply scheme
Added Max values in Table 23: Operating conditions at power-
up / power-down
Modified (1) footnote in Table 24: Embedded reset and power
control block characteristics
Added row to Table 27: Embedded internal reference voltage
Added the note “ It is recommended...” under Table 51: I/O
current injection susceptibility
Modified Table 51: I/O current injection susceptibility
Modified temperature and current values in Section 7.2.2:
Selecting the product temperature range
Added crystal EPSON-TOYOCOM bullet under Typical current
consumption
Modified Figure 9: Power supply scheme
Removed Boot 0 section
Modified Table 73: USB: Full-speed electrical characteristics
Table 82.
Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com