Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F373C8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F373C8
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373C8 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F373C8 Datasheet HTML 1Page - STMicroelectronics STM32F373C8 Datasheet HTML 2Page - STMicroelectronics STM32F373C8 Datasheet HTML 3Page - STMicroelectronics STM32F373C8 Datasheet HTML 4Page - STMicroelectronics STM32F373C8 Datasheet HTML 5Page - STMicroelectronics STM32F373C8 Datasheet HTML 6Page - STMicroelectronics STM32F373C8 Datasheet HTML 7Page - STMicroelectronics STM32F373C8 Datasheet HTML 8Page - STMicroelectronics STM32F373C8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 128 page
background image
December 2012
Doc ID 022691 Rev 3
1/128
1
STM32F372xx
STM32F373xx
ARM Cortex-M4F 32b MCU+FPU, up to 256KB Flash+32KB SRAM
timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
Datasheet
production data
Features
Core: ARM 32-bit Cortex™-M4F CPU (72 MHz
max), single-cycle multiplication and HW
division, DSP instruction with FPU (floating-
point unit) and MPU (memory protection unit)
Memories
– 64 to 256 Kbytes of Flash memory
– 32 Kbytes of SRAM with HW parity check
CRC calculation unit
Reset and power management
– Voltage range: 2.0 to 3.6 V
– Power-on/Power down reset (POR/PDR)
– Programmable voltage detector (PVD)
– Low power modes: Sleep, Stop, Standby
–VBAT supply for RTC and backup registers
Clock management
– 4 to 32 MHz crystal oscillator
– 32 kHz oscillator for RTC with calibration
– Internal 8 MHz RC with x16 PLL option
– Internal 40 kHz oscillator
Up to 84 fast I/Os
– All mappable on external interrupt vectors
– Up to 45 I/Os with 5 V tolerant capability
12-channel DMA controller
One 12-bit, 1.0 µs ADC (up to 16 channels)
– Conversion range: 0 to 3.6 V
– Separate analog supply from 2.4 up to 3.6
Up to three 16-bit Sigma Delta ADC
– Separate analog supply from 2.2 to 3.6 V,
up to 21 single/ 11 diff channels
Up to three 12-bit DAC channels
Two fast rail-to-rail analog comparators with
programmable input and output
Up to 24 capacitive sensing channels
supporting touchkey, linear and rotary
touchsensors
17 timers
– Two 32-bit timer and three 16-bit timers
with up to 4 IC/OC/PWM or pulse counter
– Two 16-bit timers with up to 2 IC/OC/PWM
or pulse counter
– Four 16-bit timers with up to 1 IC/OC/PWM
or pulse counter
– Independent and system watchdog timers
– SysTick timer: 24-bit downcounter
– Three 16-bit basic timers to drive the DAC
Calendar RTC with Alarm and periodic wakeup
from Stop/Standby
Communication interfaces
– CAN interface (2.0B Active)
–Two I2C interfaces; supporting Fast Mode
Plus (1 Mbit/s) with 20 mA current sink,
SMBus/PMBus, wakeup from STOP
– Three USARTs supporting master
synchronous SPI and modem control; with
ISO7816 interface, LIN, IrDA capability,
auto baud rate detection, wakeup feature
– Three SPIs (18 Mbit/s) with 4 to 16
programmable bit frame, muxed I2S
– HDMI-CEC bus interface
– USB 2.0 full speed interface
Serial wire devices, JTAG, Cortex-M4F ETM
96-bit unique ID
Table 1.
Device summary
Reference
Part number
STM32F372xx
STM32F372C8, STM32F372R8, STM32F372V8,
STM32F372CB, STM32F372RB, STM32F372VB,
STM32F372CC, STM32F372RC, STM32F372VC
STM32F373xx
STM32F373C8, STM32F373R8, STM32F373V8,
STM32F373CB, STM32F373RB, STM32F373VB,
STM32F373CC, STM32F373RC, STM32F373VC
LQFP64 (10 × 10 mm)
LQFP100 (14 × 14 mm)
LQFP48 (7 × 7 mm)
FBGA
UFBGA100 (7 x 7 mm)
www.st.com


Similar Part No. - STM32F373C8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F373C8 STMICROELECTRONICS-STM32F373C8 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
19-Sep-2013
STM32F373C8 STMICROELECTRONICS-STM32F373C8 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM
19-Sep-2013
STM32F373C8 STMICROELECTRONICS-STM32F373C8 Datasheet
1Mb / 137P
ARM® Cortex®-M4 32b MCUFPU, up to 256KB Flash32KB SRAM, timers, 4 ADCs (16-bit Sig. Delta / 12-bit SAR), 3 DACs, 2 comp., 2.0-3.6 V
08-Jun-2016
More results

Similar Description - STM32F373C8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F302XB STMICROELECTRONICS-STM32F302XB Datasheet
2Mb / 133P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
08-Jan-2013
STM32F415XX STMICROELECTRONICS-STM32F415XX Datasheet
5Mb / 186P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
04-Jun-2013
STM32F303VCT6 STMICROELECTRONICS-STM32F303VCT6 Datasheet
1Mb / 132P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
24-Jun-2013
STM32F373VCT6 STMICROELECTRONICS-STM32F373VCT6 Datasheet
2Mb / 128P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
21-Dec-2012
STM32F373CCT6 STMICROELECTRONICS-STM32F373CCT6 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
19-Sep-2013
STM32F372VBT6 STMICROELECTRONICS-STM32F372VBT6 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM
19-Sep-2013
STM32F407ZET6 STMICROELECTRONICS-STM32F407ZET6 Datasheet
2Mb / 167P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
24-Jan-2012
STM32F415ZGT6 STMICROELECTRONICS-STM32F415ZGT6 Datasheet
5Mb / 186P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash
04-Jun-2013
logo
Holtek Semiconductor In...
HT32F1656 HOLTEK-HT32F1656 Datasheet
1Mb / 48P
32-bit ARM Cortex -M3 Microcontroller,up to 256KB Flash and 32KB SRAM with 1 MSPS
July 24, 2014
logo
STMicroelectronics
STM32F722IC STMICROELECTRONICS-STM32F722IC Datasheet
3Mb / 229P
Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
April 2020 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com