Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB301X Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYUSB301X
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB301X Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYUSB301X_13 Datasheet HTML 9Page - Cypress Semiconductor CYUSB301X_13 Datasheet HTML 10Page - Cypress Semiconductor CYUSB301X_13 Datasheet HTML 11Page - Cypress Semiconductor CYUSB301X_13 Datasheet HTML 12Page - Cypress Semiconductor CYUSB301X_13 Datasheet HTML 13Page - Cypress Semiconductor CYUSB301X_13 Datasheet HTML 14Page - Cypress Semiconductor CYUSB301X_13 Datasheet HTML 15Page - Cypress Semiconductor CYUSB301X_13 Datasheet HTML 16Page - Cypress Semiconductor CYUSB301X_13 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 13 of 45
Configuration Options
Configuration options are available for specific usage models.
Contact Cypress Applications or Marketing for details.
Digital I/Os
FX3 has internal firmware-controlled pull-up or pull-down
resistors on all digital I/O pins. An internal 50-k
 resistor pulls
the pins high, while an internal 10-k
 resistor pulls the pins low
to prevent them from floating. The I/O pins may have the
following states:
■ Tristated (High-Z)
■ Weak pull-up (via internal 50 k)
■ Pull-down (via internal 10 k)
■ Hold (I/O hold its value) when in low-power modes
■ The JTAG TDI, TMC, and TRST# signals have fixed 50-k
internal pull-ups, and the TCK signal has a fixed 10-k

pull-down resistor.
All unused I/Os should be pulled high by using the internal
pull-up resistors. All unused outputs should be left floating. All
I/Os can be driven at full-strength, three-quarter strength,
half-strength, or quarter-strength. These drive strengths are
configured separately for each interface.
GPIOs
EZ-USB enables a flexible pin configuration both on the GPIF II
and the serial peripheral interfaces. Any unused control pins
(except CTL[15]) on the GPIF II interface can be used as GPIOs.
Similarly, any unused pins on the serial peripheral interfaces may
be configured as GPIOs. See Pin Configurations for pin
configuration options.
All GPIF II and GPIO pins support an external load of up to 16 pF
for every pin.
EMI
FX3 meets EMI requirements outlined by FCC 15B (USA) and
EN55022 (Europe) for consumer electronics. FX3 can tolerate
reasonable EMI, conducted by the aggressor, outlined by these
specifications and continue to function as expected.
System-level ESD
FX3 has built-in ESD protection on the D+, D–, and GND pins on
the USB interface. The ESD protection levels provided on these
ports are:
■ ±2.2-KV human body model (HBM) based on JESD22-A114
Specification
■ ±6-KV contact discharge and ±8-KV air gap discharge based
on IEC61000-4-2 level 3A
■ ± 8-KV Contact Discharge and ±15-KV Air Gap Discharge
based on IEC61000-4-2 level 4C.
This protection ensures the device continues to function after
ESD events up to the levels stated in this section.
The SSRX+, SSRX–, SSTX+, and SSTX– pins only have up to
±2.2-KV HBM internal ESD protection.
Pin Configurations
Figure 7. FX3 121-ball BGA Ball Map (Top View)
12
3
4
5
6
7
8
9
10
11
A
U3VSSQ
U3RXVDDQ
SSRXM
SSRXP
SSTXP
SSTXM
AVDD
VSS
DP
DM
NC
B
VIO4
FSLC[0]
R_USB3
FSLC[1]
U3TXVDDQ
CVDDQ
AVSS
VSS
VSS
VDD
TRST#
C
GPIO[54]
GPIO[55]
VDD
GPIO[57]
RESET#
XTALIN
XTALOUT
R_USB2
OTG_ID
TDO
VIO5
D
GPIO[50]
GPIO[51]
GPIO[52]
GPIO[53]
GPIO[56]
CLKIN_32
CLKIN
VSS
I2C_GPIO[58] I2C_GPIO[59]
O[60]
E
GPIO[47]
VSS
VIO3
GPIO[49]
GPIO[48]
FSLC[2]
TDI
TMS
VDD
VBATT
VBUS
F
VIO2
GPIO[45]
GPIO[44]
GPIO[41]
GPIO[46]
TCK
GPIO[2]
GPIO[5]
GPIO[1]
GPIO[0]
VDD
G
VSS
GPIO[42]
GPIO[43]
GPIO[30]
GPIO[25]
GPIO[22]
GPIO[21]
GPIO[15]
GPIO[4]
GPIO[3]
VSS
H
VDD
GPIO[39]
GPIO[40]
GPIO[31]
GPIO[29]
GPIO[26]
GPIO[20]
GPIO[24]
GPIO[7]
GPIO[6]
VIO1
J
GPIO[38]
GPIO[36]
GPIO[37]
GPIO[34]
GPIO[28]
GPIO[16]
GPIO[19]
GPIO[14]
GPIO[9]
GPIO[8]
VDD
K
GPIO[35]
GPIO[33]
VSS
VSS
GPIO[27]
GPIO[23]
GPIO[18]
GPIO[17]
GPIO[13]
GPIO[12]
GPIO[10]
L
VSS
VSS
VSS
GPIO[32]
VDD
VSS
VDD
INT#
VIO1
GPIO[11]
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com