Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB301X Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CYUSB301X
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB301X Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CYUSB301X_13 Datasheet HTML 17Page - Cypress Semiconductor CYUSB301X_13 Datasheet HTML 18Page - Cypress Semiconductor CYUSB301X_13 Datasheet HTML 19Page - Cypress Semiconductor CYUSB301X_13 Datasheet HTML 20Page - Cypress Semiconductor CYUSB301X_13 Datasheet HTML 21Page - Cypress Semiconductor CYUSB301X_13 Datasheet HTML 22Page - Cypress Semiconductor CYUSB301X_13 Datasheet HTML 23Page - Cypress Semiconductor CYUSB301X_13 Datasheet HTML 24Page - Cypress Semiconductor CYUSB301X_13 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *N
Page 21 of 45
B6
PWR
CVDDQ
B5
PWR
U3TXVDDQ
A2
PWR
U3RXVDDQ
C11
PWR
VIO5
L11
PWR
VSS
A7
PWR
AVDD
B7
PWR
AVSS
C3
PWR
VDD
B8
PWR
VSS
E9
PWR
VDD
B9
PWR
VSS
F11
PWR
VDD
H1
PWR
VDD
L7
PWR
VDD
J11
PWR
VDD
L5
PWR
VDD
K4
PWR
VSS
L3
PWR
VSS
K3
PWR
VSS
L2
PWR
VSS
A8
PWR
VSS
Precision Resistors
C8
VBUS/VBATT
I/O
R_usb2
Precision resistor for USB 2.0 (Connect a 6.04 k
±1% resistor between this pin and GND)
B3
U3TXVDDQ
I/O
R_usb3
Precision resistor for USB 3.0 (Connect a 200
±1% resistor between this pin and GND)
Table 8. CYUSB3011 and CYUSB3013 Pin List (GPIF II with 16-bit Data Bus Width) (continued)
Pin
I/O
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com