Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-6000 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-6000
Description  Laser Mouse Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-6000 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-6000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
2
Pinout
Figure 1. Package outline drawing (top view)
1
3
4
2
5
6
7
8
9
10
GND
LASER_NEN
NCS
MISO
SCLK
VDD3
NC
RBIN
GND
REFC
GUARD
REFB
NC
RESET
NPD
OSC_OUT
MOSI
OSC_IN
VDD3
20
18
17
19
16
15
14
13
12
11
TOP VIEW
PINOUT
A6000
XYYWWZ
XY_LASER
Pin Name
Description
1
NCS
Chip select (active low input)
2
MISO
Serial data output (Master In/Slave Out)
3
SCLK
Serial clock input
4
MOSI
Serial data input (Master Out/Slave In)
5
NC
No Connection
6
RESET
Reset input
7
NPD
Power down (active low input)
8
OSC_OUT
Oscillator output
9
GUARD
Oscillator GND for PCB guard (optional)
10
OSC_IN
Oscillator input
11
REFC
Reference capacitor
12
REFB
Reference capacitor
13
RBIN
Set XY_LASER current
14
XY_LASER
LASER current output
15
NC
No Connection
16
VDD3
Supply voltage
17
GND
Ground
18
VDD3
Supply voltage
19
GND
Ground
20
LASER_NEN Laser enable (active low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com