Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADNS-6000 Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-6000
Description  Laser Mouse Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-6000 Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-6000 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED ADNS-6000 Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
21
State of Signal Pins After VDD is Valid
Pin
Before
Reset
During Reset
After Reset
SPI pullups
undefined
off
on
(default)
NCS
hi-Z
control
functional
hi-Z control
functional
functional
MISO
driven or
hi-Z
(per NCS)
driven or
hi-Z
(per NCS)
low or hi-Z
(per NCS)
SCLK
undefined
ignored
functional
MOSI
undefined
ignored
functional
XY_LASER
undefined
hi-Z
functional
RESET
functional
high
(externally
driven)
functional
NPD
undefined
ignored
functional
LASER_NEN
undefined
high (off)
functional
State of Signal Pins During Power Down
Pin
NPD low
After wake from PD
SPI pullups
off
pre-PD state
NCS
hi-Z control
functional
functional
MISO
low or hi-Z
(per NCS)
pre-PD state or hi-Z
SCLK
ignored
functional
MOSI
ignored
functional
XY_LASER
high (off)
functional
RESET
functional
functional
NPD
low
(driven externally)
functional
REFC
VDD3
REFC
OSC_IN
low
OSC_IN
OSC_OUT
high
OSC_OUT
LASER_NEN
high (off)
functional
Reset Circuit
The ADNS-6000 does not perform an internal power up
self-reset; the reset pin must be raised and lowered to
reset the chip. This should be done every time power is
applied. During power-up there will be a period of time
after the power supply is high but before any clocks are
available. The table below shows the state of the various
pins during power-up and reset when the RESET pin is
driven high by a micro-controller.
Notes on Power-up and the serial port
Power Down Circuit
The following table lists the pin states during power
down.
The chip is put into the power down (PD) mode by
lowering the NPD input. When in PD mode, the oscilla-
tor is stopped but all register contents are retained. To
achieve the lowest current state, all inputs must be held
externally within 200mV of a rail, either ground or VDD3.
The chip outputs are driven low or hi-Z during PD to
prevent current consumption by an external load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com