Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSML-C197 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSML-C197
Description  High Performance Chip LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSML-C197 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HSML-C197 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Light Intensity (Iv) Bin Limits[1]
Intensity (mcd)
Bin ID
Min.
Max.
A
0.11
0.18
B
0.18
0.29
C
0.29
0.45
D
0.45
0.72
E
0.72
1.10
F
1.10
1.80
G
1.80
2.80
H
2.80
4.50
J
4.50
7.20
K
7.20
11.20
L
11.20
18.00
M
18.00
28.50
N
28.50
45.00
P
45.00
71.50
Q
71.50
112.50
R
112.50
180.00
S
180.00
285.00
T
285.00
450.00
U
450.00
715.00
V
715.00
1125.00
W
1125.00
1800.00
X
1800.00
2850.00
Y
2850.00
4500.00
Notes:
1. Bin
categories
are
established
for
classification of products. Products may
not be available in all categories. Please
contact your Avago representative for
information on currently available bins.
2. The Iv binning specification set-up is for
lowest allowable Iv binning only. There
are no upper Iv bin limits.
Amber Color Bins[1]
Dom. Wavelength (nm)
Bin ID
Min.
Max.
A
582.0
584.5
B
584.5
587.0
C
587.0
589.5
D
589.5
592.0
E
592.0
594.5
F
594.5
597.0
Orange Color Bins[1]
Dom. Wavelength (nm)
Bin ID
Min.
Max.
A
597.0
600.0
B
600.0
603.0
C
603.0
606.0
D
606.0
609.0
E
609.0
612.0
F
612.0
615.0
Tolerance: ± 1 nm
Note:
1. Bin categories are established for classification of products. Products may not be available
in all categories. Please contact your Avago representative for information on currently
available bins.
Tolerance: ± 1 nm
Tolerance: ± 15%
Color Bin Limits
Red Color Bins [1]
Dom. Wavelength (nm)
Bin ID
Min.
Max.
-
620.0
635.0
Tolerance: ±1 nm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com