Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSML-C197 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSML-C197
Description  High Performance Chip LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSML-C197 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HSML-C197 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSML-C197 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
x High brightness AlInGaP material
x 0805 or 0603 industry standard footprint with 0.4
mm height for top emitting packages
x Also available in right angle emitting and reverse
mounting packages
x Diffused optics
x Operating temperature range of –40°C to +85°C
x Compatible with IR soldering
x Available in 4 colors
x Available in 8 mm tape on 7" diameter reel
x Reel sealed in zip locked moisture barrier bags
Applications
x Membrane switch indicator
x LCD backlighting
x Push button backlighting
x Front panel indicator
x Symbol backlighting
x Keypad backlighting
x Microdisplays
x Small message panel signage
Description
These chip type LEDs utilize Aluminium Indium Galium
Phosphide (AlInGaP) material technology. The AlInGaP
material has a very high luminous efficiency, capable of
producing high light output over a wide range of drive
currents. The available colors in this surface mount series
are 592 nm Amber, 605 nm Orange, 626 nm Red and 639
nm Deep Red.
All packages are binned by both color and intensity, ex-
cept for red and deep red color.
These ChipLEDs come either in low profile top emit-
ting packages (HSMx-C177/C197), in a side emitting
package (HSMx-C120) or in a reverse mount package
(HSMx-C265). The right angle ChipLED is suitable for ap-
plications such as LCD back lighting. The top emitting
ChipLEDs with wide viewing angle are suitable for light
piping and direct backlighting of keypads and panels.
The reverse mount ChipLED is suitable for space saving.
In order to facilitate pick and place operation, these Chi-
pLEDs are shipped in tape and reel, with 4000 units per
reel for HSMx-C120/C177/C197 and 3000 units per reel
for HSMx-C265.
These packages are compatible with IR soldering pro-
cess.
Device Selection Guide
Dimensions (mm) [1,2]
Amber
Red
Orange
Deep Red
Package Description
1.6 x 1.0 x 0.6
HSMA-C120
HSMC-C120
HSML-C120
–
Untinted, Non-diffused
2.0 x 1.25 x 0.4
HSMA-C177
HSMC-C177
HSML-C177
HSMT-C177
Untinted, Diffused
1.6 x 0.8 x 0.4
HSMA-C197
HSMC-C197
HSML-C197
HSMT-C197
Untinted, Diffused
3.4 x 1.25 x 1.1
HSMA-C265
HSMC-C265
HSML-C265
HSMT-C265
Untinted, Non-diffused
HSMx-C120, HSMx-C177, HSMx-C197
and HSMx-C265
High Performance Chip LEDs
Data Sheet
CAUTION: HSMA-Cxxx, HSMC-Cxxx, HSML-Cxxx and HSMT-Cxxx LEDs are Class 1A ESD sensitive per JESD22-A114C.01.
Please observe appropriate precautions during handling and processing. Refer to Application Note AN-1142 for additional details.


Similar Part No. - HSML-C197

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSML-C190 ETC1-HSML-C190 Datasheet
230Kb / 11P
High Performance ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSML-C190 AVAGO-HSML-C190 Datasheet
420Kb / 11P
High Performance ChipLED
logo
Broadcom Corporation.
HSML-C190 BOARDCOM-HSML-C190 Datasheet
191Kb / 9P
High Performance ChipLED
logo
List of Unclassifed Man...
HSML-C191 ETC1-HSML-C191 Datasheet
230Kb / 11P
High Performance ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSML-C191 AVAGO-HSML-C191 Datasheet
420Kb / 11P
High Performance ChipLED
More results

Similar Description - HSML-C197

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMX-S660 HP-HSMX-S660 Datasheet
205Kb / 11P
High Performance Surface Mount Chip LEDs
logo
Everlight Electronics C...
94-22SUBC EVERLIGHT-94-22SUBC Datasheet
115Kb / 6P
High Performance with Reflector LEDs
94-22UBC EVERLIGHT-94-22UBC Datasheet
98Kb / 6P
High Performance with Reflector LEDs
94-22UYC EVERLIGHT-94-22UYC Datasheet
102Kb / 6P
High Performance with Reflector LEDs
94-22SUGC EVERLIGHT-94-22SUGC Datasheet
99Kb / 6P
High Performance with Reflector LEDs
94-22SURC-S530 EVERLIGHT-94-22SURC-S530 Datasheet
100Kb / 6P
High Performance with Reflector LEDs
94-22UYC-S530 EVERLIGHT-94-22UYC-S530 Datasheet
101Kb / 6P
High Performance with Reflector LEDs
94-22SUBC-S400-XX-S2 EVERLIGHT-94-22SUBC-S400-XX-S2 Datasheet
111Kb / 6P
High Performance with Reflector LEDs
94-22SUBC-S400-XX-S2 EVERLIGHT-94-22SUBC-S400-XX-S2 Datasheet
111Kb / 6P
High Performance with Reflector LEDs
logo
HK TO-GRACE TECHNOLOGY ...
94-22SUB-S400-XX-S2 TO-GRACE-94-22SUB-S400-XX-S2 Datasheet
486Kb / 6P
High Performance with Reflector LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com