Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF21030LR5 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF21030LR5
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF21030LR5 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF21030LR5 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
RF Device Data
Freescale Semiconductor
MRF21030LR3 MRF21030LSR3
TYPICAL CHARACTERISTICS
VDD =28 Vdc,Pout = 30 W (PEP), IDQ = 250 mA
Two--Tone Measurement, 100 kHz Tone Spacing
η
IRL
IMD
Gps
Figure 3. Class AB Broadband Circuit Performance
f, FREQUENCY (MHz)
0
2120
Figure 4. CDMA ACPR, Power Gain and
Drain Efficiency versus Output Power
5
Pout, OUTPUT POWER (WATTS Avg.) CDMA
30
20
2100
2180
2
2080
--35
Figure 5. Intermodulation Distortion
versus Output Power
Pout, OUTPUT POWER (WATTS) PEP
--55
Figure 6. Intermodulation Distortion Products
versus Output Power
Pout, OUTPUT POWER (WATTS) PEP
Figure 7. Power Gain versus Output Power
Pout, OUTPUT POWER (WATTS) PEP
100
1.0
1.0
15
16
60
--45
--35
--15
--30
10
20
10
14
2140
2160
45
100
10
1.0
13
2200
100
30
40
--5
--25
--20
10
3rd Order
5th Order
--25
--50
--40
--30
--20
--50
--70
--60
--40
--30
Figure 8. Power Gain and
Intermodulation Distortion versus Supply Voltage
VDD, DRAIN VOLTAGE (VOLTS)
34
24
--30
--22
28
20
--34
--38
--26
15
25
--70
--30
--50
--20
--40
--60
6
VDD =28 Vdc,IDQ = 250 mA, f = 2140 MHz
Channel Spacing (Channel Bandwidth):
4.096 MHz (5 MHz)
10
200 mA
250 mA
400 mA
VDD = 28 Vdc, f = 2140 MHz
Two--Tone Measurement,
100 kHz Tone Spacing
VDD =28 Vdc,IDQ = 250 mA, f = 2140 MHz
Two--Tone Measurement,
100 kHz Tone Spacing
VDD = 28 Vdc, f = 2140 MHz
Two--Tone Measurement, 100 kHz Tone Spacing
13
13.5
15
14.5
14
26
30
Pout = 30 W (PEP)
IDQ = 250 mA, f = 2140 MHz
Two--Tone Measurement, 100 kHz Tone Spacing
η
Gps
Gps
IMD
01
3
350 mA
300 mA
200 mA
250 mA
400 mA
350 mA
300 mA
22
32
7th Order
50
--10
ACPR
--32
--24
--36
--28



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com