Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF21030LR5 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF21030LR5
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF21030LR5 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF21030LR5 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF21030LR5 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MRF21030LR3 MRF21030LSR3
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistors
N--Channel Enhancement--Mode Lateral MOSFETs
Designed for PCN and PCS base station applications with frequencies from
2000 to 2200 MHz. Suitable for FM, TDMA, CDMA and multicarrier amplifier
applications. To be used in Class AB for PCN--PCS/cellular radio and WLL
applications.
• Wideband CDMA Performance: --45 dB ACPR @ 4.096 MHz, 28 Volts
Output Power — 3.5 Watts
Power Gain — 14 dB
Efficiency — 15%
• Capable of Handling 10:1 VSWR, @ 28 Vdc, 2110 MHz, 30 Watts CW
Output Power
Features
• High Gain, High Efficiency and High Linearity
• Integrated ESD Protection
• Designed for Maximum Gain and Insertion Phase Flatness
• Excellent Thermal Stability
• Characterized with Series Equivalent Large--Signal Impedance Parameters
• Low Gold Plating Thickness on Leads, 40μ″ Nominal.
• RoHS Compliant
• In Tape and Reel. R3 Suffix = 250 Units per 32 mm, 13 Inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
--0.5, +65
Vdc
Gate--Source Voltage
VGS
--0.5, +15
Vdc
Total Device Dissipation @ TC =25°C
Derate above 25°C
PD
83.3
0.48
W
W/°C
Storage Temperature Range
Tstg
-- 65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature
TJ
200
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Case
RθJC
2.1
°C/W
Table 3. ESD Protection Characteristics
Test Conditions
Class
Human Body Model
2 (Minimum)
Machine Model
M3 (Minimum)
Document Number: MRF21030
Rev. 12, 5/2006
Freescale Semiconductor
Technical Data
MRF21030LR3
MRF21030LSR3
2200 MHz, 30 W, 28 V
LATERAL N--CHANNEL
RF POWER MOSFETs
CASE 465E--04, STYLE 1
NI--400
MRF21030LR3
CASE 465F--04, STYLE 1
NI--400S
MRF21030LSR3
© Freescale Semiconductor, Inc., 2006, 2008. All rights reserved.


Similar Part No. - MRF21030LR5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF21030LR3 MOTOROLA-MRF21030LR3 Datasheet
579Kb / 8P
RF Power Field Effect Transistors
logo
Freescale Semiconductor...
MRF21030LR3 FREESCALE-MRF21030LR3 Datasheet
412Kb / 8P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF21030LR5

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1 Datasheet
701Kb / 20P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S19150HR3 FREESCALE-MRF5S19150HR3 Datasheet
439Kb / 12P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF8S9100HR3 FREESCALE-MRF8S9100HR3 Datasheet
300Kb / 14P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com