Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6228DTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6228DTR
Description  DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6228DTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6228DTR Datasheet HTML 17Page - STMicroelectronics L6228DTR Datasheet HTML 18Page - STMicroelectronics L6228DTR Datasheet HTML 19Page - STMicroelectronics L6228DTR Datasheet HTML 20Page - STMicroelectronics L6228DTR Datasheet HTML 21Page - STMicroelectronics L6228DTR Datasheet HTML 22Page - STMicroelectronics L6228DTR Datasheet HTML 23Page - STMicroelectronics L6228DTR Datasheet HTML 24Page - STMicroelectronics L6228DTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21/26
L6228
Figure 26. IC Power Dissipation versus Output Current in WAVE Mode (full step one phase on).
Figure 27. IC Power Dissipation versus Output Current in MICROSTEPPING Mode.
Thermal Management
In most applications the power dissipation in the IC is the main factor that sets the maximum current that can
be delivered by the device in a safe operating condition. Therefore, it has to be taken into account very carefully.
Besides the available space on the PCB, the right package should be chosen considering the power dissipation.
Heat sinking can be achieved using copper on the PCB with proper area and thickness. Figures 28, 29 and 30
show the Junction-to-Ambient Thermal Resistance values for the PowerSO36, PowerDIP24 and SO24 packag-
es.
For instance, using a PowerSO package with copper slug soldered on a 1.5mm copper thickness FR4 board
with 6cm2 dissipating footprint (copper thickness of 35µm), the Rth(j-amb) is about 35°C/W. Fig. 31 shows mount-
ing methods for this package. Using a multi-layer board with vias to a ground plane, thermal impedance can be
reduced down to 15°C/W.
No PW M
fSW = 3 0 kHz (slow decay)
Test Conditions:
Supply Voltage = 24V
I A
I B
IOUT
IOUT
WAVE DRIVE
PD [W]
I OUT [A]
0
0.25 0.5 0.75 1
1.25 1.5
0
2
4
6
8
10
fSW = 50 k
Hz (slow decay)
fSW = 30 k
Hz (slow decay)
I A
I B
IOUT
IOUT
MICROSTEPPING
PD [W]
I OUT [A]
Test Conditions:
Supply Voltage = 24V
0
0.25 0.5 0.75 1
1.25 1.5
0
2
4
6
8
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com