Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6228DTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6228DTR
Description  DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6228DTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6228DTR Datasheet HTML 18Page - STMicroelectronics L6228DTR Datasheet HTML 19Page - STMicroelectronics L6228DTR Datasheet HTML 20Page - STMicroelectronics L6228DTR Datasheet HTML 21Page - STMicroelectronics L6228DTR Datasheet HTML 22Page - STMicroelectronics L6228DTR Datasheet HTML 23Page - STMicroelectronics L6228DTR Datasheet HTML 24Page - STMicroelectronics L6228DTR Datasheet HTML 25Page - STMicroelectronics L6228DTR Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
23/26
L6228
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.60
0.141
a1
0.10
0.30
0.004
0.012
a2
3.30
0.130
a3
0
0.10
0
0.004
b
0.22
0.38
0.008
0.015
c
0.23
0.32
0.009
0.012
D (1)
15.80
16.00
0.622
0.630
D1
9.40
9.80
0.370
0.385
E
13.90
14.50
0.547
0.570
e
0.65
0.0256
e3
11.05
0.435
E1 (1)
10.90
11.10
0.429
0.437
E2
2.90
0.114
E3
5.80
6.20
0.228
0.244
E4
2.90
3.20
0.114
0.126
G
0
0.10
0
0.004
H
15.50
15.90
0.610
0.626
h
1.10
0.043
L
0.80
1.10
0.031
0.043
N10
°(max.)
S8
°(max.)
(1): "D" and "E1" do not include mold flash or protrusions
- Mold flash or protrusions shall not exceed 0.15mm (0.006 inch)
- Critical dimensions are "a3", "E" and "G".
PowerSO36
e
a2
A
E
a1
PSO36MEC
DETAIL A
D
11
8
19
36
E1
E2
h x 45˚
DETAIL A
lead
slug
a3
S
Gage Plane
0.35
L
DETAIL B
DETAIL B
(COPLANARITY)
GC
- C -
SEATING PLANE
e3
c
N
N
⊕
M
0.12
AB
b
B
A
H
E3
D1
BOTTOM VIEW
OUTLINE AND
MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com