Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6228 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6228
Description  DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6228 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6228 Datasheet HTML 9Page - STMicroelectronics L6228 Datasheet HTML 10Page - STMicroelectronics L6228 Datasheet HTML 11Page - STMicroelectronics L6228 Datasheet HTML 12Page - STMicroelectronics L6228 Datasheet HTML 13Page - STMicroelectronics L6228 Datasheet HTML 14Page - STMicroelectronics L6228 Datasheet HTML 15Page - STMicroelectronics L6228 Datasheet HTML 16Page - STMicroelectronics L6228 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13/26
L6228
tRCRISE = 600 · COFF
Figure 13 shows the lower limit for the on time tON for having a good PWM current regulation capacity. It has to
be said that tON is always bigger than tON(MIN) because the device imposes this condition, but it can be smaller
than tRCRISE - tDT. In this last case the device continues to work but the off time tOFF is not more constant.
So, small COFF value gives more flexibility for the applications (allows smaller on time and, therefore, higher
switching frequency), but, the smaller is the value for COFF, the more influential will be the noises on the circuit
performance.
Figure 12. tOFF versus COFF and ROFF
Figure 13. Area where tON can vary maintaining the PWM regulation.
t
ON
t
ON MIN
()
>2.5
µs (typ. value)
=
t
ON
t
RCRISE
t
DT
–
>
0.1
1
10
100
1
10
100
1 .10
3
1 .10
4
Coff [nF]
Roff = 100kΩ
Roff = 47kΩ
Roff = 20kΩ
0.1
1
10
100
1
10
100
Coff [nF]
2.5
µs (typ. value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com