Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6228 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6228
Description  DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6228 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6228 Datasheet HTML 13Page - STMicroelectronics L6228 Datasheet HTML 14Page - STMicroelectronics L6228 Datasheet HTML 15Page - STMicroelectronics L6228 Datasheet HTML 16Page - STMicroelectronics L6228 Datasheet HTML 17Page - STMicroelectronics L6228 Datasheet HTML 18Page - STMicroelectronics L6228 Datasheet HTML 19Page - STMicroelectronics L6228 Datasheet HTML 20Page - STMicroelectronics L6228 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
17/26
L6228
Figure 20 shows the Overcurrent Detection operation. The Disable Time tDISABLE before recovering normal oper-
ation can be easily programmed by means of the accurate thresholds of the logic inputs. It is affected whether by
CEN and REN values and its magnitude is reported in Figure 21. The Delay Time tDELAY before turning off the
bridge when an overcurrent has been detected depends only by CEN value. Its magnitude is reported in Figure 22.
CEN is also used for providing immunity to pin EN against fast transient noises. Therefore the value of CEN
should be chosen as big as possible according to the maximum tolerable Delay Time and the REN value should
be chosen according to the desired Disable Time.
The resistor REN should be chosen in the range from 2.2KΩ to 180KΩ. Recommended values for REN and CEN
are respectively 100K
Ω and 5.6nF that allow obtaining 200µs Disable Time.
Figure 20. Overcurrent Protection Waveforms
ISOVER
IOUT
Vth(ON)
Vth(OFF)
VEN(LOW)
VDD
tOCD(ON)
tD(ON)EN
tEN(FALL)
tEN(RISE)
tDISABLE
tDELAY
tOCD(OFF)
tD(OFF)EN
VEN
BRIDGE
ON
OFF
OCD
ON
OFF
D02IN1400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com