Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4933 Datasheet(PDF) 14 Page - STMicroelectronics

Part # SD4933
Description  HF/VHF/UHF RF power N-channel MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4933 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SD4933_13 Datasheet HTML 9Page - STMicroelectronics SD4933_13 Datasheet HTML 10Page - STMicroelectronics SD4933_13 Datasheet HTML 11Page - STMicroelectronics SD4933_13 Datasheet HTML 12Page - STMicroelectronics SD4933_13 Datasheet HTML 13Page - STMicroelectronics SD4933_13 Datasheet HTML 14Page - STMicroelectronics SD4933_13 Datasheet HTML 15Page - STMicroelectronics SD4933_13 Datasheet HTML 16Page - STMicroelectronics SD4933_13 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Package mechanical data
SD4933
14/17
DocID15487 Rev 8
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Figure 15. Package dimensions
Table 10. M177 (.550 DIA 4/L N/HERM W/FLG) mechanical data
Dim.
mm.
Inch
Min
Typ
Max
Min
Typ
Max
A
5.72
5.97
0.225
0.235
B
6.73
6.96
0.265
0.275
C
21.84
22.10
0.860
0.870
D
28.70
28.96
1.130
1.140
E
13.84
14.10
0.545
0.555
F
0.08
0.18
0.003
0.007
G
2.49
2.74
0.098
0.108
H
3.81
4.32
0.150
0.170
I
7.11
0.280
J
27.43
28.45
1.080
1.120
K
15.88
16.13
0.625
0.635
GAPMSMD00039
Controlling dimension: Inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com