Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD4933 Datasheet(PDF) 15 Page - STMicroelectronics

Part # SD4933
Description  HF/VHF/UHF RF power N-channel MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD4933 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SD4933_13 Datasheet HTML 9Page - STMicroelectronics SD4933_13 Datasheet HTML 10Page - STMicroelectronics SD4933_13 Datasheet HTML 11Page - STMicroelectronics SD4933_13 Datasheet HTML 12Page - STMicroelectronics SD4933_13 Datasheet HTML 13Page - STMicroelectronics SD4933_13 Datasheet HTML 14Page - STMicroelectronics SD4933_13 Datasheet HTML 15Page - STMicroelectronics SD4933_13 Datasheet HTML 16Page - STMicroelectronics SD4933_13 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
DocID15487 Rev 8
15/17
SD4933
Marking, packing and shipping specifications
17
9
Marking, packing and shipping specifications
Figure 16. Marking layout
Table 11. Packing and shipping specifications
Order code
Packaging
Pcs per
tray
Dry pack
humidity
VGS and GFS
code
Lot code
SD4933
Plastic tray
25
< 10%
Not mixed
Not mixed
Table 12. Marking specifications
Symbol
Description
XVGS and GFS sort
CZ
Assembly plant
xxx
Last 3 digits of diffusion lot
VY
Diffusion plant
MAR
Country of origin
CZ
Test and finishing plant
y
Assembly year
yy
Assembly week
SD4933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com