Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX632A Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSX632A
Description  Micropower (45 μA, 200 kHz) rail-to-rail 16 V CMOS operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX632A Datasheet(HTML) 1 Page - STMicroelectronics

  TSX632A Datasheet HTML 1Page - STMicroelectronics TSX632A Datasheet HTML 2Page - STMicroelectronics TSX632A Datasheet HTML 3Page - STMicroelectronics TSX632A Datasheet HTML 4Page - STMicroelectronics TSX632A Datasheet HTML 5Page - STMicroelectronics TSX632A Datasheet HTML 6Page - STMicroelectronics TSX632A Datasheet HTML 7Page - STMicroelectronics TSX632A Datasheet HTML 8Page - STMicroelectronics TSX632A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
This is information on a product in full production.
March 2013
DocID024293 Rev 1
1/31
31
TSX631, TSX632, TSX634,
TSX631A, TSX632A, TSX634A
Micropower (45
μA, 200 kHz) rail-to-rail 16 V CMOS
operational amplifiers
Datasheet
- production data
Features
• Low power consumption: 60 µA max at 16 V
• Supply voltage: 3.3 V to 16 V
• Rail-to-rail input and output
• Gain bandwidth product: 200 kHz typ
• Low offset voltage:
– 500 µV max for “A” version
– 1 mV max for standard version
• Low input bias current: 1 pA typ
• Automotive qualification
Benefits
• Power savings in power-conscious
applications
• Easy interfacing with high impedance sensors
Related products
• See TSX56x or TSX92x series for higher gain
bandwidth products (900 kHz or 10 MHz)
Applications
• Industrial signal conditioning
• Automotive signal conditioning
• Active filtering
• Medical instrumentation
• High impedance sensors
Description
The TSX63x and TSX63xA series of operational
amplifiers offer low voltage operation and rail-to-
rail input and output. TSX631 is the single
version, TSX632 the dual version and TSX634
the quad version, with pinouts compatible with
industry standards.
The TSX63x and TSX63xA series offer a 200 kHz
gain bandwidth product while consuming 60 µA
maximum at 16 V.
The devices are housed in the tiniest industrial
packages.
These features make the TSX63x and TSX63xA
family ideal for sensor interfaces and industrial
signal conditioning. The wide temperature range
and high ESD tolerance ease the use in harsh
automotive applications.
SOT23-5
DFN8 2x2
MiniSO-8
QFN16 3x3
TSSOP14
Single
Dual
Quad
Table 1. Device summary
Op-amp
version
Standard Vio
Enhanced Vio
Single
TSX631
TSX631A
Dual
TSX632
TSX632A
Quad
TSX634
TSX634A
www.st.com


Similar Part No. - TSX632A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSX631 STMICROELECTRONICS-TSX631 Datasheet
658Kb / 19P
Tiny, low power, 16 V single operational amplifier for cost-optimized systems
09-Nov-2020
More results

Similar Description - TSX632A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA347 TI-OPA347 Datasheet
470Kb / 21P
microPower, Rail-to-Rail Operational Amplifiers
OPA347 TI-OPA347_07 Datasheet
958Kb / 25P
microPower, Rail-to-Rail Operational Amplifiers
logo
Analog Devices
AD8565 AD-AD8565_06 Datasheet
346Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
REV. D
logo
Texas Instruments
OPA27CJ TI-OPA27CJ Datasheet
1Mb / 33P
microPower, Rail-to-Rail Operational Amplifiers
OPA347SA TI-OPA347SA Datasheet
1Mb / 33P
microPower, Rail-to-Rail Operational Amplifiers
OPA37AZ TI1-OPA37AZ Datasheet
1Mb / 33P
microPower, Rail-to-Rail Operational Amplifiers
OPA37EZ TI-OPA37EZ Datasheet
1Mb / 33P
microPower, Rail-to-Rail Operational Amplifiers
OPA347NA TI-OPA347NA Datasheet
1Mb / 33P
microPower, Rail-to-Rail Operational Amplifiers
logo
Analog Devices
AD8566 AD-AD8566_15 Datasheet
293Kb / 16P
16 V Rail-to-Rail Operational Amplifiers
Rev. G
logo
STMicroelectronics
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
16 MHz rail-to-rail CMOS 16 V operational amplifiers
28-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com