Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5417NETA+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5417NETA+
Description  256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5417NETA+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5417NETA+ Datasheet HTML 1Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 2Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 3Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 4Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 5Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 6Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
4
_______________________________________________________________________________________
Note 1:
The DNL and INL are measured with the potentiometer configured as a voltage-divider with H = VDD and L = GND. The
wiper terminal is unloaded and measured with a high-input-impedance voltmeter.
Note 2:
The DNL and INL are measured with the potentiometer configured as a variable resistor. H is unconnected and L = GND.
For the 5V condition, the wiper terminal is driven with a source current of 80µA for the 50k
Ω configuration, 40µA for the
100k
Ω configuration, and 20µA for the 200kΩ configuration. For the 3V condition, the wiper terminal is driven with a source
current of 40µA for the 50k
Ω configuration, 20µA for the 100kΩ configuration, and 10µA for the 200kΩ configuration.
Note 3:
The wiper resistance is measured using the source currents given in Note 2. For operation to VDD = 2.7V, see Wiper
Resistance vs. Temperature in the
Typical Operating Characteristics.
Note 4:
The device draws higher supply current when the digital inputs are driven with voltages between (VDD - 0.5V) and (GND +
0.5V). See Supply Current vs. Digital Input Voltage in the
Typical Operating Characteristics.
Note 5:
Wiper at midscale with a 10pF load (DC measurement). L = GND; an AC source is applied to H; and the W output is mea-
sured. A 3dB bandwidth occurs when the AC W/H value is 3dB lower than the DC W/H value.
Note 6:
The programming current operates only during power-up and NV writes.
Note 7:
SCL clock period includes rise and fall times tR and tF. All digital input signals are specified with tR = tF = 2ns and timed
from a voltage level of (VIL + VIH) / 2.
Note 8:
Wiper settling time is the worst-case 0% to 50% rise time measured between consecutive wiper positions. H = VDD,
L = GND, and the wiper terminal is unloaded and measured with a 10pF oscilloscope probe (see the
Typical Operating
Characteristics for the tap-to-tap switching transient).
Note 9:
An appropriate bus pullup resistance must be selected depending on board capacitance. Refer to the document linked to
this web address: www.semiconductors.philips.com/acrobat/literature/9398/39340011.pdf.
Note 10: The idle time begins from the initiation of the stop pulse.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Data Setup Time
tSU-DAT
100
ns
Data Hold Time
tHD-DAT
0
0.9
µs
SDA, SCL Rise Time
tR
300
ns
SDA, SCL Fall Time
tF
300
ns
Setup Time for STOP Condition
tSU-STO
0.6
µs
Bus Free Time Between STOP
and START Condition
tBUF
Minimum power-up rate = 0.2V/ms
1.3
µs
Pulse Width of Spike Suppressed
tSP
50
ns
Maximum Capacitive Load for
Each Bus Line
CB
(Note 9)
400
pF
Write NV Register Busy Time
tBUSY
(Note 10)
12
ms
TIMING CHARACTERISTICS (continued)
(VDD = +2.7V to +5.25V, H = VDD, L = GND, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VDD = +5V, TA =
+25°C. See Figures 1 and 2.) (Note 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com