Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5417NETA+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5417NETA+
Description  256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5417NETA+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5417NETA+ Datasheet HTML 2Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 3Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 4Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 5Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 6Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 9Page - Maxim Integrated Products MAX5417NETA+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
256-Tap, Nonvolatile, I2C-Interface,
Digital Potentiometers
6
_______________________________________________________________________________________
SUPPLY CURRENT
vs. DIGITAL INPUT VOLTAGE
DIGITAL INPUT VOLTAGE (V)
4
3
2
1
100
200
300
400
500
600
0
05
10k
1k
100
0.001
0.01
0.1
1
10
100
0.0001
10
100k
THD+N RESPONSE
FREQUENCY (Hz)
1:1 RATIO
20Hz TO 20kHz BANDPASS
INL vs. TAP POSITION
(MAX5417)
TAP POSITION
224
192
160
128
96
64
32
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
-1.0
0256
VARIABLE-RESISTOR MODE
VDD = 2.7V
ISRC = 50
µA
Typical Operating Characteristics (continued)
(VDD = +5V, TA = +25°C, unless otherwise noted.)
INL vs. TAP POSITION
(MAX5418)
TAP POSITION
224
192
160
128
96
64
32
-0.5
0
0.5
1.0
1.5
2.0
-1.0
0256
VARIABLE-RESISTOR MODE
VDD = 2.7V
ISRC = 20
µA
INL vs. TAP POSITION
(MAX5419)
TAP POSITION
224
192
32
64
96
128 160
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
-1.00
0256
VARIABLE-RESISTOR MODE
VDD = 2.7V
ISRC = 10
µA
DNL vs. TAP POSITION
(MAX5417)
TAP POSITION
224
192
160
128
96
64
32
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.3
0256
VARIABLE-RESISTOR MODE
DNL vs. TAP POSITION
(MAX5418)
TAP POSITION
224
192
160
128
96
64
32
-0.2
-0.1
0
0.1
0.2
0.3
-0.3
0256
VARIABLE-RESISTOR MODE
VDD = 2.7V
ISRC = 20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com