Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP610DM/B Datasheet(PDF) 3 Page - Rochester Electronics

Part # EP610DM/B
Description  High-performance, 16-macrocell Classic EPLD Pipelined data rates of up to 100 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

EP610DM/B Datasheet(HTML) 3 Page - Rochester Electronics

  EP610DM/B Datasheet HTML 1Page - Rochester Electronics EP610DM/B Datasheet HTML 2Page - Rochester Electronics EP610DM/B Datasheet HTML 3Page - Rochester Electronics EP610DM/B Datasheet HTML 4Page - Rochester Electronics EP610DM/B Datasheet HTML 5Page - Rochester Electronics EP610DM/B Datasheet HTML 6Page - Rochester Electronics EP610DM/B Datasheet HTML 7Page - Rochester Electronics EP610DM/B Datasheet HTML 8Page - Rochester Electronics EP610DM/B Datasheet HTML 9Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EP610
Specification Number EP610-CI (AT) REV -
Page 3 of 9
Table 1 summarizes EP610 device features
Table 1. EP610 Device Features
Feature
EP610
EP610T
EP610-XX/B
EP610I
tPD
15 ns
15 ns
35 ns
10 ns
Counter frequency
83 MHz
83 MHz
28.5 MHz
100 MHz
Pipeline data rates
83 MHz
83 MHz
37 MHz
100 MHz
Packages
24-pin SOIC
24-pin CerDIP
24-pin PDIP
24-pin PLCC
24-pin SOIC
24-pin PDIP
28-pin PLCC
24-pin CerDIP
24-pin CerDIP
24-pin PDIP
28-pin PLCC
General
Description
Figure 2. EP610 Block Diagram
Numbers without parentheses are for DIP and SOIC packages. Numbers in parentheses are for J-lead packages.
EP610 devices have 16 macrocells, 4 dedicated input pins, 16
I/O pins, and 2 global Clock pins (see Figure 2). Each macrocell
can access signals from the global bus, which consists of the
true and complement forms of the dedicated inputs and the
true complement forms of either the output of the macrocell of
the I/O input. CLK1 is a dedicated Clock input for the registers
in macrocells 9 through 16. CLK2 is a dedicated Clock input for
registers in macrocells 1 through 8.
2 (3) INPUT
1 (2)
CLK1
3 (4)
4 (5)
5 (6)
6 (7)
7 (8)
8 (9)
9 (10)
10 (12)
11 (13) INPUT
INPUT 23 (27)
CLK2
13 (16)
22 (26)
21 (25)
20 (24)
19 (23)
18 (22)
17 (21)
16 (20)
15 (18)
INPUT 14 (17)
Global
Bus
Macrocell 9
Macrocell 10
Macrocell 11
Macrocell 12
Macrocell 13
Macrocell 14
Macrocell 15
Macrocell 16
Macrocell 9
Macrocell 10
Macrocell 11
Macrocell 12
Macrocell 13
Macrocell 14
Macrocell 15
Macrocell 16



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com