Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP610DM/B Datasheet(PDF) 4 Page - Rochester Electronics

Part # EP610DM/B
Description  High-performance, 16-macrocell Classic EPLD Pipelined data rates of up to 100 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

EP610DM/B Datasheet(HTML) 4 Page - Rochester Electronics

  EP610DM/B Datasheet HTML 1Page - Rochester Electronics EP610DM/B Datasheet HTML 2Page - Rochester Electronics EP610DM/B Datasheet HTML 3Page - Rochester Electronics EP610DM/B Datasheet HTML 4Page - Rochester Electronics EP610DM/B Datasheet HTML 5Page - Rochester Electronics EP610DM/B Datasheet HTML 6Page - Rochester Electronics EP610DM/B Datasheet HTML 7Page - Rochester Electronics EP610DM/B Datasheet HTML 8Page - Rochester Electronics EP610DM/B Datasheet HTML 9Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
EP610
Specification Number EP610-CI (AT) REV -
Page 4 of 9
Absolute Maximum Ratings
Recommended Operating Conditions
EP610
EP610T
EP610-XX/B
EP610I
Symbol
Parameter
Conditions
Min
Max
Min Max Unit
VCC
Supply voltage
With respect
to GND
-2.0
7.0
-2.0
7.0
V
VI
DC input voltage
-2.0
7.0
-0.5
VCC+
0.5
V
IMAX
DC VCC or GND current
-175
175
mA
IOUT
DC output current, per pin
-25
25
mA
PD
Power dissipation
1000
mW
TSTG
Storage temperature
No bias
-65
150
-65
150
°C
TAMB
Ambient temperature
Under bias
-65
135 (125)
-10
85
°C
TJ
Junction temperature
Under bias
(150)
°C
EP610
EP610T
EP610-XX/B
EP610I
Symbol
Parameter
Conditions
Min
Max
Min Max Unit
VCC
Supply voltage
4.75 (4.5)
5.25 (5.5)
4.75
5.25
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
TA
Operating Temperature For commerical use
0
70
0
70
°C
TA
Operating Temperature
For industrial use
-40
85
-40
85
°C
TC
Case Temperature
For military use
-55
125
°C
tR
Input rise time
100 (50)
500
ns
tF
Input fall time
100 (50)
500
ns
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
High-level input voltage
2.0
VCC + 0.3
V
VIL
Low-level input voltage
-0.3
0.8
V
VOH
High-level TTL output voltage
IOH = -4 mA DC
2.4
V
VOH
High-level CMOS output voltage
IOH = -2 mA DC
3.84
V
VOL
Low-level output voltage
IOL = 4 mA DC
0.45
V
II
Input leakage output
VI = VCC or GND
-10
10
µ
A
IOZ
Tri-state output leakage current VO = VCC or GND
-10
10
µ
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com