Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCFN12GE Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VCFN12GE
Description  UL 508 Motor Disconnect Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCFN12GE Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VCFN12GE Datasheet HTML 1Page - List of Unclassifed Manufacturers VCFN12GE Datasheet HTML 2Page - List of Unclassifed Manufacturers VCFN12GE Datasheet HTML 3Page - List of Unclassifed Manufacturers VCFN12GE Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
8-4
© 2009 Schneider Electric
All Rights Reserved
www.schneider-electric.us
UL 508 Motor
Disconnect Switches
Mini-Vario and Vario™ Switches
Refer to Catalog 9421CT0301
Vario Manual Motor Control Switches
Vario switches act as enclosure disconnects when short
circuit protection is provided upstream of the switch (if
short circuit protection is not provided upstream, use
GS1, LK3, Class 9422 Type T or D10 disconnect
switches). Type V switches meet UL 508 requirements
as manual motor controllers.
a
Refer to Table 8.11 and Table 8.12 for horsepower ratings.
Table 8.12:
Vario Manual Motor Control
Switches, UL
Ampere
Size
UL
Horsepower Rating
Shaft
Size
3-Pole Switch
Body
240 V
480 V
600 V
mm
Type
10
2
5
5
6
V02
16
3
7.5
7.5
6
V01
20
5
10
10
6
V0
20
5
10
10
6
V1
25
5
10
15
6
V2
45
10
20
30
8
V3
63
15
30
40
8
V4
100
255050
8
V5
115
305060
8
V6
Manual Motor
Control Switch
Table 8.13:
Switch Bodya
Ampere Size
UL/IEC
Shaft Size
mm
3 Pole Switch Body
Type
$ Price
10/12
6
V02
62.00
16/20
6
V01
74.00
20/25
6
V0
84.00
20/32
6
V1
95.00
25/40
6
V2
143.00
45/63
8
V3
179.00
63/80
8
V4
215.00
100/125
8
V5
287.00
115/175
8
V6
428.00
a
When using these handles for replacements on the non-metallic enclosed switches (see page 8-3),
the handle shaft supplied with the enclosure must be reused.
a
The door interlock plate included with VCC Kits has the same drilling as the handle operators.
Table 8.14:
NEMA Type 1 and 12 Handle Operators: V02–V2 (6 mm Shaft), V3–V6 (8 mm Shaft) a
Operator Type
Red/Yellow Single Hole
45 x 45 mm
Red/Yellow Four Hole
45 x 45 mm
Black/Gray Single Hole
45 x 45 mm
Black/Gray Four Hole
45 x 45 mm
Switches
No. of
Padlocks
Catalog No.
$ Price
Catalog No.
$ Price
Catalog No.
$ Price
Catalog No.
$ Price
V02–V2
0
KCC1LZ
39.20
KCE1LZ
39.20
KAC1BZ
39.20
KAE1BZ
39.20
V02–V2
1
KCC1YZ
39.20
KCE1YZ
39.20
—
—
—
—
Operator Type
Red/Yellow Single Hole
60 x 60 mm
Red/Yellow Four Hole
60 x 60 mm
Black/Gray Single Hole
60 x 60 mm
Black/Gray Four Hole
60 x 60 mm
V02–V2
0
KDD1PZ
39.20
KDF1PZ
39.20
KBD1PZ
39.20
KBF1PZ
39.20
V3–V4
0
—
—
KDF2PZ
39.20
—
—
KBF2PZ
39.20
V02–V2
3
KCD1PZ
39.20
KCF1PZ
39.20
KAD1PZ
39.20
KAF1PZ
39.20
V3–V4
3
—
—
KCF2PZ
39.20
—
—
KAF2PZ
39.20
Operator Type
Red/Yellow Four Hole
90 x 90 mm
Black/Gray Four Hole
90 x 90 mm
V5–V6
0
KDF3PZ
107.00
KBF3PZ
107.00
V5–V6
3
KCF3PZ
107.00
KAF3PZ
107.00
a
When using these handles for replacements on the non-metallic enclosed switches (see page 8-3),
the handle shaft supplied with the enclosure must be reused.
Table 8.15:
Low Profile Handle Operatorsa
Operator Type
Red/Yellow Single Hole
60 x 60 mm
Red/Yellow Four Hole
60 x 60 mm
Black/Gray Single Hole
60 x 60
Black/Gray Four Hole
60 x 60 mm
Switches
No. of
Padlocks
Catalog No.
$ Price
Catalog No.
$ Price
Catalog No.
$ Price
Catalog No.
$ Price
V02–V2
3
KCD1YZ
39.20
KCF1YZ
39.20
KADIXZ
39.20
KAF1XZ
39.20
V3–V4
3
—
—
KCF2YZ
39.20
—
—
KAF2XZ
39.20
Operator Type
Red/Yellow Four Hole
90 x 90 mm
Black/Gray Four Hole
90 x 90 mm
V5–V6
3
KCG2YZ
72.00
KAG2XZ
72.00
Table 8.16:
Gasket Kits
Catalog No.
Description
$ Price
KZ65
45 x 45 mm Gasket for V02-V2 for 4-hole type handles (order in quantities of 5)—IP65
5.90
KZ66
60 x 60 mm Gasket for V02-V2 for 4-hole type handles (order in quantities of 5)
12.00
KZ62
60 x 60 mm Gasket for V3-V4 for 4-hole type handles (order in quantities of 5)
12.00
KZ67
90 x 90 mm Gasket for V5-V6 for 4-hole type handles (order in quantities of 5)—IP65
15.60
Single-Hole
Mounting Dimensions
Four-Hole 60 x 60
Mounting Dimensions a
Four-Hole 90 x 90
Mounting Dimensions a
Table 8.17:
Rear/Panel Mounting Switch Body Dimensions
Type
Shaft
Extension
Dimensions
ab
c
d
in.
mm
in.
mm in. mm
in.
mm
V02 to V2
VZ17
VZ30
5.5–13.0
5.5–16.9
140–330
140–430
0.60
15
2.4
60
0.17
4.2
V3 to V4
VZ18
VZ31
5.5–12.6
5.5–16.5
140–320
140–420
0.79
20
2.4
60
0.20
5.2
V5 to V6
VZ18
VZ31
6.5–13.8
6.5–17.7
165–350
165–450
1.20
30
3.9 100 0.28
7.0
Four-Hole Operator
KDF3PZ and KBF3PZ
Four-Hole Operator
(All except KDF3PZ
and KBF3PZ)
Single-Hole Operator
Low-Profile Handle
KCD1YZ
22.5
3
5.5
48
13
13
5.5
68
a
b
c
dia. d
1.5-6
1.73
44
CP1
Discount
Schedule
Courtesy of Steven Engineering, Inc.-230 Ryan Way, South San Francisco, CA 94080-6370-Main Office: (650) 588-9200-Outside Local Area: (800) 258-9200-www.stevenengineering.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com