Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCFN12GE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VCFN12GE
Description  UL 508 Motor Disconnect Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VCFN12GE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VCFN12GE Datasheet HTML 1Page - List of Unclassifed Manufacturers VCFN12GE Datasheet HTML 2Page - List of Unclassifed Manufacturers VCFN12GE Datasheet HTML 3Page - List of Unclassifed Manufacturers VCFN12GE Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.schneider-electric.us
8-2
© 2009 Schneider Electric
All Rights Reserved
The Mini-Vario and Vario motor disconnect switch catalog
numbers can be identified as described in Table 8.1.
a
Switches/contacts are dual rated (UL/IEC).
Mini-Vario
a
Switches/contacts are dual rated (UL/IEC).
b
Auxiliary contacts are dual rated (UL/IEC 10/12 A).
Table 8.1:
Identification System
VCF
N12
GE
Model (V-Vario, K-Operator)
Operator Type/ Accessory Designation
CD
Single hole Red & Yellow
BD
Single hole Black & Gray
CF
Four hole Red & Yellow
BF
Four hole Black and Gray
CCD
Single hole Red & Yellow w/extension
shaft
VE
Switch with Red handle installed on unit
(one padlock only)
CCF
Four hole Red & Yellow w/ extension
shaft
VD
Switch with Black handle installed on unit
(no padlock provision)
Blank
No operator or accessory
Z
Accessory, power pole, neutral or ground
Switch Typea
Blank
1
Vario 20/32 A
N12
Mini-Vario 10/12 A
2
Vario 25/40 A
N20
Mini-Vario 16/20 A
3
Vario 45/63 A
02
Vario 10/12 A
4
Vario 63/80 A
01
Vario 16/20 A
5
Vario 100/125 A
0
Vario 20/25 A
6
Vario 115/175 A
Enclosure Type (if applicable)
Blank
No Enclosure
G30, A30, W30 Type 1/12/4/4X Metallic (Class 9421)
GE
Mini-Vario IP55
Non-Metallic
GU
Vario IP55 Non-Metallic
VBDN12
VCDN12
Table 8.2:
Assembled Switches—IP65
Current Rating
Complete Switches for Door Mounting (3-Padlock)
Complete Switches for Rear Mounting,
Includes Extension Shaft (3-Padlock)
Red/Yellow (Single Hole)
Black/Gray (Single Hole)
Red/Yellow (Single Hole)
UL/IEC
Catalog Number
$ Price
Catalog Number
$ Price
Catalog Number
$ Price
10/12 A
VCDN12
90.00
VBDN12
90.00
VCCDN12
134.00
16/20 A
VCDN20
135.00
VBDN20
135.00
VCCDN20
161.00
Table 8.3:
Enclosed Switches
Complete Switches Mounted in IP55 Non-metallic Enclosure
Red/Yellow Mounted In Sealable Enclosure, Non-UL Listed
Catalog Number
$ Price
VCFN12GE
179.00
VCFN20GE
189.00
Table 8.4:
Component Parts
Catalog
Number
Description
$ Price
VN12a
10/12 A switch only
52.00
VN20a
16/20 A switch only
63.00
VZN12a
Add on power pole for 10/12 A switch
26.00
VZN20a
Add on power pole for 16/20 A switch
31.50
VZN11
Neutral Pole with early make, late break for VN12 or
VN20 switch
29.30
VZN14
Grounding module for VN12 or VN20
29.30
VZN05
N.O. late make auxiliary contactb
27.00
VZN06
N.C. early break auxiliary contactb
27.00
VZN26
Single-pole shroud for auxiliary contacts
5.90
VZN08
Three-pole shroud for VN12 or VN20
7.70
VCFN12GE
VN12
VN12/KCC1YZ
Table 8.5:
Operators and Accessories
Catalog
Number
Description
$ Price
KCC1YZ
45 x 45 mm Red & Yellow operator
39.20
KCD1PZ
60 x 60 mm Red & Yellow operator
39.20
KAD1PZ
60 x 60 mm Black & Gray operator
39.20
VZN17
300–340 mm shaft extension
22.50
VZN30
400–430 mm shaft extension
27.00
KZ32
Door interlocking plate for 45 or 60 mm operator
20.30
KZ83
Door mounting plate for 45 or 60 mm operator
20.30
VCCDN20
UL 508 Motor Disconnect
Switches
Mini-Vario and VarioAssembled and Enclosed Switches
Refer to Catalog 9421CT0301
CP1
Discount
Schedule
Courtesy of Steven Engineering, Inc.-230 Ryan Way, South San Francisco, CA 94080-6370-Main Office: (650) 588-9200-Outside Local Area: (800) 258-9200-www.stevenengineering.com


Similar Part No. - VCFN12GE

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCFN12GE SCHNEIDER-VCFN12GE Datasheet
128Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 10A, IP55
Jul 12, 2021
VCFN12GE SCHNEIDER-VCFN12GE Datasheet
140Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 10A, IP55
Jun 13, 2022
VCFN12GE SCHNEIDER-VCFN12GE_V01 Datasheet
140Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 10A, IP55
Jun 13, 2022
More results

Similar Description - VCFN12GE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFFS030 LITTELFUSE-LFFS030 Datasheet
204Kb / 1P
Disconnect Switches
logo
Varitronix internationa...
VI-508 VARITRONIX-VI-508 Datasheet
25Kb / 1P
VI-508
logo
List of Unclassifed Man...
OT16F3 ETC2-OT16F3 Datasheet
735Kb / 8P
Disconnect switches Non-fusible Fusible
logo
Cooper Bussmann, Inc.
RDF30CC-3 COOPER-RDF30CC-3 Datasheet
1Mb / 2P
UL489 FUSIBLE DISCONNECT SWITCHES
RDF30CC-3N COOPER-RDF30CC-3N Datasheet
1Mb / 2P
UL489 FUSIBLE DISCONNECT SWITCHES
RDF30J-3-COMP COOPER-RDF30J-3-COMP Datasheet
1Mb / 2P
UL489 FUSIBLE DISCONNECT SWITCHES
RDF30J-3N-COMP COOPER-RDF30J-3N-COMP Datasheet
1Mb / 2P
UL489 FUSIBLE DISCONNECT SWITCHES
logo
Littelfuse
LFTC0001X LITTELFUSE-LFTC0001X Datasheet
137Kb / 1P
Disconnect Switches
2005
2484 LITTELFUSE-2484 Datasheet
362Kb / 1P
2484 SERIES BATTERY DISCONNECT SWITCHES
2021 Rev: 020821-B
M-284 LITTELFUSE-M-284 Datasheet
442Kb / 1P
M-284 SERIES BATTERY DISCONNECT SWITCHES
2019 Rev: 032019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com