Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5541LRZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD5541LRZ
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541LRZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5541LRZ Datasheet HTML 12Page - Analog Devices AD5541LRZ Datasheet HTML 13Page - Analog Devices AD5541LRZ Datasheet HTML 14Page - Analog Devices AD5541LRZ Datasheet HTML 15Page - Analog Devices AD5541LRZ Datasheet HTML 16Page - Analog Devices AD5541LRZ Datasheet HTML 17Page - Analog Devices AD5541LRZ Datasheet HTML 18Page - Analog Devices AD5541LRZ Datasheet HTML 19Page - Analog Devices AD5541LRZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
AD5541/AD5542
Rev. F | Page 17 of 20
ORDERING GUIDE
Model1
INL
DNL
Temperature Range
Package Description
Package Option
AD5541CR
±1 LSB
±1 LSB
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5541CRZ
±1 LSB
±1 LSB
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5541CRZ-REEL7
±1 LSB
±1 LSB
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5541LR
±1 LSB
±1 LSB
0°C to 70°C
8-Lead SOIC_N
R-8
AD5541LR-REEL7
±1 LSB
±1 LSB
0°C to 70°C
8-Lead SOIC_N
R-8
AD5541LRZ
±1 LSB
±1 LSB
0°C to 70°C
8-Lead SOIC_N
R-8
AD5541LRZ-REEL7
±1 LSB
±1 LSB
0°C to 70°C
8-Lead SOIC_N
R-8
AD5541BR
±2 LSB
±1 LSB
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5541BRZ
±2 LSB
±1 LSB
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5541BRZ-REEL
±2 LSB
±1 LSB
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5541JR
±2 LSB
±1.5 LSB
0°C to 70°C
8-Lead SOIC_N
R-8
AD5541JR-REEL7
±2 LSB
±1.5 LSB
0°C to 70°C
8-Lead SOIC_N
R-8
AD5541JRZ
±2 LSB
±1.5 LSB
0°C to 70°C
8-Lead SOIC_N
R-8
AD5541JRZ-REEL7
±2 LSB
±1.5 LSB
0°C to 70°C
8-Lead SOIC_N
R-8
AD5541AR
±4 LSB
±1 LSB
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5541AR-REEL7
±4 LSB
±1 LSB
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5541ARZ
±4 LSB
±1 LSB
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5541ARZ-REEL7
±4 LSB
±1 LSB
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5542CR
±1 LSB
±1 LSB
−40°C to +85°C
14-Lead SOIC_N
R-14
AD5542CR-REEL7
±1 LSB
±1 LSB
−40°C to +85°C
14-Lead SOIC_N
R-14
AD5542CRZ
±1 LSB
±1 LSB
−40°C to +85°C
14-Lead SOIC_N
R-14
AD5542CRZ-REEL7
±1 LSB
±1 LSB
−40°C to +85°C
14-Lead SOIC_N
R-14
AD5542LR
±1 LSB
±1 LSB
0°C to 70°C
14-Lead SOIC_N
R-14
AD5542LRZ
±1 LSB
±1 LSB
0°C to 70°C
14-Lead SOIC_N
R-14
AD5542BR
±2 LSB
±1 LSB
−40°C to +85°C
14-Lead SOIC_N
R-14
AD5542BRZ
±2 LSB
±1 LSB
−40°C to +85°C
14-Lead SOIC_N
R-14
AD5542BRZ-REEL7
±2 LSB
±1 LSB
−40°C to +85°C
14-Lead SOIC_N
R-14
AD5542JR
±2 LSB
±1.5 LSB
0°C to 70°C
14-Lead SOIC_N
R-14
AD5542JR-REEL7
±2 LSB
±1.5 LSB
0°C to 70°C
14-Lead SOIC_N
R-14
AD5542JRZ
±2 LSB
±1.5 LSB
0°C to 70°C
14-Lead SOIC_N
R-14
AD5542JRZ-REEL7
±2 LSB
±1.5 LSB
0°C to 70°C
14-Lead SOIC_N
R-14
AD5542AR
±4 LSB
±1 LSB
−40°C to +85°C
14-Lead SOIC_N
R-14
AD5542AR-REEL7
±4 LSB
±1 LSB
−40°C to +85°C
14-Lead SOIC_N
R-14
AD5542ARZ
±4 LSB
±1 LSB
−40°C to +85°C
14-Lead SOIC_N
R-14
AD5542ARZ-REEL7
±4 LSB
±1 LSB
−40°C to +85°C
14-Lead SOIC_N
R-14
EVAL-AD5541/42EBZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com