Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5541LRZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD5541LRZ
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541LRZ Datasheet(HTML) 2 Page - Analog Devices

  AD5541LRZ Datasheet HTML 1Page - Analog Devices AD5541LRZ Datasheet HTML 2Page - Analog Devices AD5541LRZ Datasheet HTML 3Page - Analog Devices AD5541LRZ Datasheet HTML 4Page - Analog Devices AD5541LRZ Datasheet HTML 5Page - Analog Devices AD5541LRZ Datasheet HTML 6Page - Analog Devices AD5541LRZ Datasheet HTML 7Page - Analog Devices AD5541LRZ Datasheet HTML 8Page - Analog Devices AD5541LRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD5541/AD5542
Data Sheet
Rev. F | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagrams............................................................. 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Characteristics ................................................................ 4
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configurations and Function Descriptions ........................... 6
Typical Performance Characteristics ............................................. 7
Terminology .................................................................................... 10
Theory of Operation ...................................................................... 11
Digital-to-Analog Section ......................................................... 11
Serial Interface ............................................................................ 11
Unipolar Output Operation...................................................... 11
Bipolar Output Operation......................................................... 12
Output Amplifier Selection....................................................... 12
Force Sense Amplifier Selection............................................... 12
Reference and Ground............................................................... 12
Power-On Reset.......................................................................... 13
Power Supply and Reference Bypassing .................................. 13
Microprocessor Interfacing........................................................... 14
AD5541/AD5542 to ADSP-21xx Interface............................. 14
AD5541/AD5542 to 68HC11/68L11 Interface....................... 14
AD5541/AD5542 to MICROWIRE Interface ........................ 14
AD5541/AD5542 to 80C51/80L51 Interface.......................... 14
Applications Information .............................................................. 15
Optocoupler Interface................................................................ 15
Decoding Multiple AD5541/AD5542s.................................... 15
Outline Dimensions....................................................................... 16
Ordering Guide .......................................................................... 17
REVISION HISTORY
3/12—Rev. E to Rev. F
Change to Figure 19 ......................................................................... 9
Changes to Ordering Guide .......................................................... 17
3/11—Rev. D to Rev. E
Changed +105°C to +85°C, General Description Section .......... 1
2/11—Rev. C to Rev. D
Changes to Features Section, General Description Section,
Product Highlights Section ............................................................. 1
Added Table 1; Renumbered Sequentially .................................... 1
Added Output Noise Spectral Density Parameter and Output
Noise Parameter, Table 2.................................................................. 3
Changes to Ordering Guide .......................................................... 17
4/10—Rev. B to Rev. C
Changes to General Description Section ...................................... 1
Changes to Features List .................................................................. 1
Changes to Product Highlights .......................................................1
Changes to Table 1.............................................................................3
Changes to Table 3.............................................................................5
Changes to Figure 16, Figure 17, and Figure 19....................... 8, 9
Changes to Theory of Operations Section.................................. 11
Changes to Microprocessor Interfacing Section ........................ 14
Changes to Outline Dimensions .................................................. 16
Changes to Ordering Guide.......................................................... 17
8/08—Rev. A to Rev. B
Updated Format..................................................................Universal
Changes to Timing Characteristics Section...................................4
Changes to Table 3.............................................................................5
Updated Outline Dimensions....................................................... 16
Changes to Ordering Guide.......................................................... 17
10/99—Rev. 0 to Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com