Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD679JNZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD679JNZ
Description  14-Bit 128 kSPS Complete Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD679JNZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD679JNZ Datasheet HTML 8Page - Analog Devices AD679JNZ Datasheet HTML 9Page - Analog Devices AD679JNZ Datasheet HTML 10Page - Analog Devices AD679JNZ Datasheet HTML 11Page - Analog Devices AD679JNZ Datasheet HTML 12Page - Analog Devices AD679JNZ Datasheet HTML 13Page - Analog Devices AD679JNZ Datasheet HTML 14Page - Analog Devices AD679JNZ Datasheet HTML 15Page - Analog Devices AD679JNZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD679
REV. D
–13–
AD679 to Analog Devices ADSP-2100A
Figure 12 demonstrates the AD679 interfaced to an ADSP-2100A.
With a clock frequency of 12.5 MHz, and instruction execution in
one 80 ns cycle, the digital signal processor supports the AD679
data memory interface with three hardware wait states.
The converter is configured to run asynchronously using a sam-
pling clock. The EOC output of the AD679 gets asserted at the
end of each conversion and causes an interrupt. Upon interrupt,
the ADSP-2100A immediately executes a data memory write
instruction, which asserts
HBE. In the following cycle, the pro-
cessor starts a data memory read (high byte read) by providing
an address on the DMA bus. The decoded address generates
OE for the converter. OE, together with logic and latch, is used
to force the ADSP-2100A into a one cycle wait state by generat-
ing DMACK. The read operation is thus started and completed
within two processor cycles (160 ns).
HBE is released during
high byte read. This allows the processor to read the lower byte
of data as soon as high byte read is complete. The low byte read
operation executes in a similar manner to the first and is com-
pleted during the next 160 ns.
Figure 12. AD679 to ADSP-2100A Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com